Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7731 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP7731
Description  5W - 30W Class D Mono Bridged Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7731 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP7731 Datasheet HTML 1Page - Monolithic Power Systems MP7731 Datasheet HTML 2Page - Monolithic Power Systems MP7731 Datasheet HTML 3Page - Monolithic Power Systems MP7731 Datasheet HTML 4Page - Monolithic Power Systems MP7731 Datasheet HTML 5Page - Monolithic Power Systems MP7731 Datasheet HTML 6Page - Monolithic Power Systems MP7731 Datasheet HTML 7Page - Monolithic Power Systems MP7731 Datasheet HTML 8Page - Monolithic Power Systems MP7731 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP7731 – 5W – 30W CLASS D MONO BRIDGED AUDIO AMPLIFIER
MP7731 Rev. 1.8
www.MonolithicPower.com
2
9/25/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PACKAGE REFERENCE
NC
PIN1
NIN1
AGND1
NC
EN1
NIN2
PIN2
AGND2
EN2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PGND1
SW1
VDD1
BS1
NC
PGND2
SW2
VDD2
BS2
NC
MP7731
EXPOSED PAD
Part Number*
Package
Temperature
MP7731DF
TSSOP20
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP7731DF–Z)
For RoHS compliant packaging, add suffix –LF (eg.
MP7731DF–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VDD............................................. 26V
BS Voltage ............................ VSW-0.3V to VSW+6.5V
Enable Voltage VEN................................. -0.3V to 6V
VSW, VPIN, VNIN..................................... -1V to VDD+1V
AGND to PGND................................... -0.3V to 0.3V
Junction Temperature......................................150˚C
Lead Temperature ...........................................260˚C
Storage Temperature ....................... -65˚C to 150˚C
Recommended Operating Conditions
(2)
Supply Voltage VDD................................ 9.5V to 18V
Operating Temperature TA................. -40˚C to 85˚C
Thermal Resistance
(3)
θJA
θJC
TSSOP20 ............................... 40 ....... 6....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
(4)
VDD = 16.5V, VEN = 5V, RL = 4Ω, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Standby Current
VEN = 0V
2
10
µA
Quiescent Current
3
6
mA
SW On Resistance
Sourcing and Sinking
0.18
Ω
Short Circuit Current
Sourcing and Sinking
5.0
A
PIN, NIN Input Common Mode
Voltage Range
0
VDD/2
VDD-1.5
V
PIN, NIN Input Current
VPIN=VNIN=8V
1
5
µA
VEN Rising
1.4
2.0
V
EN Enable Threshold Voltage
VEN Falling
0.4
1.2
V
EN Enable Input Current
VEN = 5V
1
µA
Thermal Shutdown Trip Point
TJ Rising
150
°C
Thermal Shutdown Hysteresis
30
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com