Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP7782
Description  50W Class D Mono Bridged Audio Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7782 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP7782 Datasheet HTML 1Page - Monolithic Power Systems MP7782 Datasheet HTML 2Page - Monolithic Power Systems MP7782 Datasheet HTML 3Page - Monolithic Power Systems MP7782 Datasheet HTML 4Page - Monolithic Power Systems MP7782 Datasheet HTML 5Page - Monolithic Power Systems MP7782 Datasheet HTML 6Page - Monolithic Power Systems MP7782 Datasheet HTML 7Page - Monolithic Power Systems MP7782 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MP7782 – 50W CLASS D MONO BRIDGED AUDIO AMPLIFIER
MP7782 Rev. 1.2
www.MonolithicPower.com
7
8/3/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
Circuit Layout
Proper circuit layout is critical for optimum
performance and low output distortion and
noise. Place the following components as close
to the MP7782 as possible:
1. Power Supply Bypass, C3, C8
C3 and C8 carry the transient current for the
switching power stage. Place a 1µF power
supply bypass capacitor as close to pin 18
(VDD1) and pin 20 (PGND1) as possible. Also
place a 1µF power supply bypass capacitor as
close to pin 13 (VDD2) and pin 15 (PGND2) as
possible.
2. Output Catch Diodes, D3A, D3B, D5A, D5B
D3A, D3B, D5A, and D5B carry the current over
the dead-time while the MOSFET switches are
off. Place D3A between pin 19 (SW1) and pin
20 (PGND1) to prevent the voltage at SW1 from
swinging excessively below ground, and place
D3B between SW2 and pin 18 (VDD1) to
prevent the voltage at SW1 from swinging
excessively above VDD. Place D5A and D5B
similarly to minimize the overshoot and
undershoot of SW2 node.
3. Input Modulator Capacitors, C4
C4 is used to set the amplifier switching
frequency. Place C4 as close to the differential
inputs, pin 2 and pin 3, as possible to reduce
distortion and noise.
4. Electro-Magnetic Interference (EMI)
Due to the switching nature of the Class D
amplifier, care must be taken to minimize the
effects of electromagnetic interference from the
amplifier. However, with proper component
selection and careful attention to circuit layout,
the effects of EMI due to the amplifier switching
can be minimized.
The power inductors are a potential source of
radiated
emissions.
For
the
best
EMI
performance use shielded inductors since the
magnetic field is well contained inside the core.
On the system printed circuit board, trace loops
that carry rapidly changing currents need to be
minimized. VDD bypass capacitors (C3 and C8)
must be placed as close to the MP7782 as
possible.
Nodes that carry rapidly changing voltage, such
as SW1 and SW2, must be made as small as
possible. If sensitive traces run near SW1 or
SW2, place a ground shield between the traces.
Power Dissipation and Thermal
Considerations
The power dissipation of the MP7782 arises
mostly from the conduction loss of the internal
main switches. This power loss is estimated to
be:
3
.
1
18
.
0
2
R
P
P
L
OUT
LOSS
×
Ω
×
×
≅
Where 1.3 is a temperature coefficient factor
that reflects the increase in the RDS(ON)
resistance at elevated temperatures.
For example, for a 6Ω speaker, the max POUT is
50W:
W
9
.
3
3
.
1
18
.
0
2
6
50
PLOSS
=
×
Ω
×
×
≅
Because the thermal resistance θJC is 6°C/W,
the resulting temperature rise between junction
and case is approximately 24
°C.
Therefore, caution must be exercised when
using
the
MP7782
in
applications
with
continuous high output power.
A heat sink is required if the MP7782 is applied
at continuous 50W output power.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com