Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8040 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8040
Description  High Current Integrated Half Bridge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8040 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8040 Datasheet HTML 1Page - Monolithic Power Systems MP8040 Datasheet HTML 2Page - Monolithic Power Systems MP8040 Datasheet HTML 3Page - Monolithic Power Systems MP8040 Datasheet HTML 4Page - Monolithic Power Systems MP8040 Datasheet HTML 5Page - Monolithic Power Systems MP8040 Datasheet HTML 6Page - Monolithic Power Systems MP8040 Datasheet HTML 7Page - Monolithic Power Systems MP8040 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP8040 – HIGH CURRENT INTEGRATED HALF BRIDGE + DRIVER
MP8040 Rev. 1.5
www.MonolithicPower.com
2
5/3/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP8040DN
SOIC8N
(Exposed Pad)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP8040DN–Z)
For Lead Free, add suffix –LF (eg. MP8040DN–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
SP Supply Voltage (VSP).............................. 28V
SW Pin Voltage .............................. –0.3V to VSP
SW to BS ....................................... –0.3V to +6V
Voltage at All Other Pins ............... –0.3V to +6V
Storage Temperature ..............–55
°C to +150°C
Recommended Operating Conditions
(2)
SP Supply Voltage (VSP).................. 7.5V to 24V
Peak Output Current......................9A Maximum
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
SOIC8N .................................. 50 ....... 8....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VSP = 12V, VSHDN = 0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
SP Operating Current
1.5
2.5
mA
SP Shutdown Current
VSHDN = 2V
2.5
10
µA
SHDN, SP Threshold Low
1
V
SHDN, SP Threshold High
2
V
SHDN, SP Input Bias Current
1
µA
SW On Resistance
VSP = 7.5V, High-Side and Low-Side
0.1
Ω
VPWM = 5, (Sinking)
9
A
SW Current Limit
(4)
VPWM = 0, (Sourcing)
9
A
SW Switching Frequency
VPWM = 0 to 2V, 50% Duty Cycle
1.2
MHz
SW Maximum Duty Cycle
(5)
VSP = 7.5V, VPWM = 2V, CSW 100nF,
fSW = 3.3KHz
99.5
%
SW Rise/Fall Time
VPWM = 0 to 5V
20
ns
PWM Pulse Width
VPWM = 0 to 2V, High or Low Pulse
200
ns
PWM to SW Delay Time Rising
VPWM = 0 to 5V
70
ns
PWM to SW Delay Time
Falling
VPWM = 5 to 0V
70
ns
Thermal Shutdown
Temperature
(4)
TJ Rising, Hysteresis = 20°C
160
°C
Notes:
4) Guaranteed by design; not production tested.
5) SW drives low for 1.5µs every 300µs to charge the BS to SW capacitor.
PWM
SP
SW
GND
FLT
DRV
SHDN
BS
1
2
3
4
8
7
6
5
TOP VIEW
MP8040_PD01-SOIC8N
EXPOSED PAD
ON BACKSIDE
CONNECT TO PIN 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com