Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8102 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8102
Description  Ultra Low Power 1.8V, 600kHz Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8102 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8102 Datasheet HTML 1Page - Monolithic Power Systems MP8102 Datasheet HTML 2Page - Monolithic Power Systems MP8102 Datasheet HTML 3Page - Monolithic Power Systems MP8102 Datasheet HTML 4Page - Monolithic Power Systems MP8102 Datasheet HTML 5Page - Monolithic Power Systems MP8102 Datasheet HTML 6Page - Monolithic Power Systems MP8102 Datasheet HTML 7Page - Monolithic Power Systems MP8102 Datasheet HTML 8Page - Monolithic Power Systems MP8102 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP8102 – ULTRA LOW POWER, 1.8V, 600KHZ OP AMP
MP8102 Rev. 0.94
www.MonolithicPower.com
2
9/27/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP8102DJ
TSOT23-5
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP8102DJ–Z)
For RoHS compliant packaging, add suffix –LF (eg.
MP8102DJ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage (V+ to V-) ......................... +6.0V
Differential Input Voltage (VIN+ – VIN–)....... +6.0V
Input Voltage (VIN+ – VIN–)..VIN+ + 0.3V, VIN– – 0.3V
Recommended Operating Conditions
(2)
Supply Voltage ...........................+1.8V to +5.5V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
TSOT23-5.............................. 220 .... 110..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
V+ = +5V, V– = 0V, VCM = V+/2, RL = 10kΩ, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Offset Voltage
–5
1
+5
mV
Input Offset Voltage Temp
Coefficient
VOS
15
µV/
°C
Input Bias Current
(4)
IB
2
pA
Input Offset Current
(4)
IOS
0.2
pA
Input Voltage Range
VCM
CMRR > 60dB
0
3.8
V
Common-Mode Rejection
Ratio
CMRR
0 < VCM < 3.5V
82
dB
Power Supply Rejection
Ratio
PSRR
Supply Voltage change of
1.0V
80
dB
Large Signal Voltage Gain
AVOL
RL = 100kΩ,
VOUT = 5.0 Peak to Peak
60
88
dB
Maximum Output Voltage
Swing
VOUT
RL = 10kΩ
V+ – 23mV
V
Minimum Output Voltage
Swing
VOUT
RL = 10kΩ
V– + 19mV
V
Gain-Bandwidth Product
(4)
GBW
RL = 200kΩ,CL = 2pF,
VOUT = 0
200
KHz
–3dB Bandwidth
(4)
BW
AV = 1, CL = 2pF,
RL = 1MΩ
600
KHz
Slew Rate
(4)
SR
AV = 1, CL = 2pF,
RL = 1MΩ
0.1
V/µs
Source
–20
mA
Short Circuit Current
ISC
Sink
20
mA
Supply Current
No Load
7.5
10
µA
Note:
4) Guaranteed by design.
TOP VIEW
OUT
V+
IN+
1
2
3
5
4
V-
IN-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com