Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8801 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8801
Description  Low Dropout 150mA Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8801 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8801 Datasheet HTML 1Page - Monolithic Power Systems MP8801 Datasheet HTML 2Page - Monolithic Power Systems MP8801 Datasheet HTML 3Page - Monolithic Power Systems MP8801 Datasheet HTML 4Page - Monolithic Power Systems MP8801 Datasheet HTML 5Page - Monolithic Power Systems MP8801 Datasheet HTML 6Page - Monolithic Power Systems MP8801 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MP8801 – LOW DROPOUT, 150mA LINEAR REGULATOR
MP8801 Rev. 1.6
www.MonolithicPower.com
2
3/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
IN
GND
EN
1
2
3
5
4
OUT
FB
MP8801_PD01-TSOT23-5
Part Number**
Package
Marking
Temp
MP8801DJ–2.5
TSOT23-5
D2YW
–40
°C to
+85
°C
MP8801DJ–2.85
TSOT23-5
C1YW
–40
°C to
+85
°C
MP8801DJ–3.3
TSOT23-5
D3YW
–40
°C to
+85
°C
** For Tape & Reel, add suffix –Z (eg. MP8801DJ–2.85–Z)
For Lead Free, add suffix –LF (eg. MP8801DJ–2.85–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
IN Supply Voltage....................... –0.3V to +7.0V
FB Voltage.........................–0.3V to VOUT + 0.3V
All Other Pins................................. –0.3V to +6V
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature .............–65°C to +150
°C
Recommended Operating Conditions
(2)
Input Voltage .................................. 2.7V to 6.5V
Output Voltage................................. 1.25V to 5V
Load Current........................... 150mA Maximum
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
TSOT23-5.............................. 220 .... 110..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
(4)
Max
Units
Operating Voltage
IOUT = 1mA
2.7
6.5
V
Output Voltage Accuracy
IOUT = 1mA, VOUT = 1.5V to 5V
±1.0
±2.0
%
Ground Pin Current
IOUT = 1mA–150mA
125
150
µA
Shutdown Current
VEN = 0V, VIN = 5V
0.1
1
µA
1.197 1.222 1.246
FB Regulation Voltage
-40
°C ≤ TA ≤ 85°C
1.194 1.222 1.249
V
VOUT = 3V
150
Dropout Voltage
(5)
IOUT = 150mA
VOUT = 4V
125
mV
Line Regulation
IOUT = 1mA,
VIN = (VOUT + 0.5V) to 6.5V
(6)
0.005
0.08
%/V
Load Regulation
IOUT = 1mA to 150mA,
VIN = VOUT + 0.5V
(6)
0.001
0.02
%/mA
VIN > VOUT +0.5V, C3 = 2.2µF,
VIN(AC) = 100mV, f = 1kHz
(4)
70
dB
PSRR
VIN > VOUT +0.5V, C3 = 2.2µF,
VIN(AC) = 100mV, f = 1MHz
(4)
30
dB
Output Voltage Noise
f = 1kHz, C2 > 0.1µF, IOUT = 1mA
(4)
300
nV/√Hz
EN Input High Voltage
1.5
V
EN Input Low Voltage
0.4
V
EN Input Bias Current
VEN = 0V, 5V
0.01
1
µA
Thermal Protection
(4)
155
°C
Thermal Protection Hysteresis
(4)
30
°C
Notes:
4) Parameter is guaranteed by design, not production tested.
5) Dropout Voltage is defined as the input to output differential when the output voltage drops 1% below its normal value.
6) VIN = 2.7V for VOUT = 1.25V to 2.2V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com