Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5026 Datasheet(PDF) 2 Page - EPCOS

Part # B5026
Description  SAW Components Low-Loss Filter 190.00 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5026 Datasheet(HTML) 2 Page - EPCOS

  B5026 Datasheet HTML 1Page - EPCOS B5026 Datasheet HTML 2Page - EPCOS B5026 Datasheet HTML 3Page - EPCOS B5026 Datasheet HTML 4Page - EPCOS B5026 Datasheet HTML 5Page - EPCOS B5026 Datasheet HTML 6Page - EPCOS B5026 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Jun 06, 2006
B5026
190.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
Low-Loss Filter
Data Sheet
Application
s
Low-loss IF filter for W-CDMA base station,
receive path (Rx)
s
Unbalanced or balanced operation possible
s
High near-by selectivity
s
Temperature stable
Features
s
Package size 13.3 x 6.5 x 1.6 mm3
s
Package code DCC12A
s
RoHS compatible
s
Approx. weight 0.4 g
s
Ceramic package for Surface Mount Tech-
nology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Filter surface passivated
top view
side view
bottom view
13,3
1,0
7,62
12
3
4
5
6
7
8
9
10
3,81
Pin configuration
s
10
Input
s
1
Input ground
s
5
Output
s
6
Output ground
s
3,8
To be grounded
s
2,4,7,9 Case ground



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com