Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR68C92 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR68C92
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR68C92 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR68C92 Datasheet HTML 17Page - Exar Corporation XR68C92 Datasheet HTML 18Page - Exar Corporation XR68C92 Datasheet HTML 19Page - Exar Corporation XR68C92 Datasheet HTML 20Page - Exar Corporation XR68C92 Datasheet HTML 21Page - Exar Corporation XR68C92 Datasheet HTML 22Page - Exar Corporation XR68C92 Datasheet HTML 23Page - Exar Corporation XR68C92 Datasheet HTML 24Page - Exar Corporation XR68C92 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
XR68C92/192
21
Rev. 1.33
must be disabled and its interrupt must be masked. The
following table shows how to select the clock source for
the C/T when used in counter mode or timer mode:
ACR Bit-7: Baud rate table Select.
This bit is used to select between two sets of baud rate
tables. See Baudrate table on Page 18. It should be
changed only after both channels have been reset and
disabled.
0 = Set 1
1 = Set 2
ISR Bit-1: Receive ready A .
This bit is set when channel A's receive buffer (FIFO) is
filled above the programmed receive trigger level condi-
tion (see MR0A bit-6 and MR1A bit-6). For example, if
a RX trigger level of '6' is chosen, this bit will be set
whenever the RX FIFO contains six or more bytes. This
bit can be cleared by reading the data out of the FIFO
till it falls below the trigger level.
ISR Bit-2: Channel A change in break.
This bit is set when channel A receiver detects the
beginning or the end of a break condition. It is reset
when the CPU issues a channel A reset break change
interrupt command (CRA bits 7-4 = 0x5).
ISR Bit-3: Counter/Timer (C/T) ready.
In counter mode, this bit is set when the C/T reaches
terminal count. In timer mode, this bit is set each time
the C/T output switches from low to high (rising edge -
see Figure 2). In either mode, this bit is cleared by a
stop counter command.
ISR Bit-4: Transmit ready B.
This bit is set when channel B's transmit buffer (FIFO)
is filled below the programmed transmit trigger level
(see MR0B bits 5-4). For example, if a TX trigger level
of '4' is chosen, this bit will be set whenever the TX
FIFO has four or more empty locations. This bit can be
cleared by loading the TX FIFO above the trigger level.
ISR Bit-5: Receive ready B.
This bit is set when channel B's receive buffer (FIFO)
is filled above the programmed receive trigger level
condition (see MR0B bit-6 and MR1B bit-6). For ex-
ample, if a RX trigger level of '6' is chosen, this bit will
be set whenever the RX FIFO contains six or more
bytes. This bit can be cleared by reading the data out
of the FIFO till it falls below the trigger level.
ISR Bit-6. Channel B change in break.
This bit is set when channel B receiver detects the
beginning or the end of a break condition. It is reset
when the CPU issues a channel B reset break change
interrupt command (CRB bits 7-4 = 0x5).
ISR Bit-7. Input port change status.
This bit is set when a change of state has occurred at
the IP0, IP1, IP2, or IP3 inputs, and that event has been
enabled to cause an interrupt by programming ACR
Bits 3-0. This bit is cleared when the CPU reads the
input port change register.
INTERRUPT STATUS REGISTER (ISR)
This register provides the status of all potential interrupt
sources. The contents of this register are logically
“AND”-ed with the contents of the interrupt mask
register, and the results are “OR”-ed. The resulting
signal is inverted to produce the -INT output. All active
interrupt sources are visible by reading the ISR, re-
gardless of the contents of the interrupt mask register.
Reading the ISR has no effect on any interrupt source.
Each active interrupt source must be cleared in a
source-specific fashion to clear the ISR. All interrupt
sources are cleared when the XR68C92/192 is reset.4
ISR Bit-0: Transmit ready A.
This bit is set when channel A's transmit buffer (FIFO)
is filled below the programmed transmit trigger level
(see MR0A bits 5-4). For example, if a TX trigger level
of '4' is chosen, this bit will be set whenever the TX
FIFO has four or more empty locations. This bit can be
cleared by loading the TX FIFO above the trigger level.
ACR
C/T
Clock Source
Bits 6:4
Mode
0 0 0
Counter
External (IP2)
0 0 1
Counter
TXAClk1-Transmit A 1X clock
0 1 0
Counter
TXBClk1-Transmit B 1X clock
0 1 1
Counter
Crystal or External Clock
(XTAL1/Clk) Divided by 16
1 0 0
Timer
External (IP2)
1 0 1
Timer
External (IP2) Divided by 16
1 1 0
Timer
Crystal or External Clock
(XTAL1/Clk)
1 1 1
Timer
Crystal or External Clock
(XTAL1/Clk) Divided by 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com