Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5035 Datasheet(PDF) 3 Page - EPCOS

Part # B5035
Description  SAW Components Low-Loss Filter 208,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5035 Datasheet(HTML) 3 Page - EPCOS

  B5035 Datasheet HTML 1Page - EPCOS B5035 Datasheet HTML 2Page - EPCOS B5035 Datasheet HTML 3Page - EPCOS B5035 Datasheet HTML 4Page - EPCOS B5035 Datasheet HTML 5Page - EPCOS B5035 Datasheet HTML 6Page - EPCOS B5035 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Sep 23, 2005
SAW Components
B5035
208,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= +5 ... +75 ˚C
Terminating source impedance:
ZS = 200 Ω balanced and matching network
Terminating load impedance:
ZL = 200 Ω balanced and matching network
1) Except for two narrow-band responses between 219 and 222 MHz which may reach 2 dB above
2) Except for two narrow-band responses between 236 and 240 MHz which may reach 2 dB above
3) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
—
208,0
—
MHz
Minimum insertion attenuation
α
min
—11
13
dB
Passband width
α
rel ≤ 1 dB
B1dB
—
4,2
—
MHz
Amplitude ripple (p-p)
fN ± 1,92 MHz
∆α
—
0,6
1,0
dB
Phase ripple (p-p)
fN ± 1,92 MHz
∆ϕ
—5
—
˚
Phase ripple (rms)
fN ± 1,92 MHz
∆ϕ
—
1,1
1,5
˚
Error vector magnitude
EVM
—
2,6
6,0
%
Absolute group delay (mean within
fN±1,92 MHz) τmean
1,129
1,134
1,139
µs
Relative attenuation (relative to
α
min)
α
rel
fN ± 2,515 MHz ... fN ± 2,6 MHz
17
20
—
dB
fN ±
2,6 MHz ...
fN ± 2,8 MHz
25
30
—
dB
fN ±
2,8 MHz ...
fN ± 3,3 MHz
30
35
—
dB
fN ±
3,3 MHz ...
fN ± 20 MHz
40 1)
45
—
dB
fN ±
20 MHz ...
fN ± 28 MHz
45
50
—
dB
fN ±
28 MHz ...
fN ± 60 MHz
55 2)
60
—
dB
Adjacent channel selectivity
ACS
5,0 MHz offset of carrier
45
49
—
dB
Input IP3
40
—
—
dBm
Temperature coefficient of frequency 3)
TCf
—
– 0,036
—
ppm/K2
Turnover temperature
T0
—20—
˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com