Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7302 Datasheet(PDF) 3 Page - EPCOS

Part # B7302
Description  SAW Components Low-Loss Filter for Mobile Communication 360,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7302 Datasheet(HTML) 3 Page - EPCOS

  B7302 Datasheet HTML 1Page - EPCOS B7302 Datasheet HTML 2Page - EPCOS B7302 Datasheet HTML 3Page - EPCOS B7302 Datasheet HTML 4Page - EPCOS B7302 Datasheet HTML 5Page - EPCOS B7302 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jun 18, 2001
SAW Components
B7302
360,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to +80 ˚C
Terminating source impedance:
ZS = 800 Ω || 160 nH
Terminating load impedance:
ZS = 800 Ω || 160 nH
1) Temperature dependence of f
c:fc(T) = fc(T0)(1 + TCf(T – T0)
2)
*) 358,0 MHz < f < 358,3 MHz: spurious response, B
3dB < 150kHz, αrel > 45dB
+) 358,9 MHz < f < 359,2 MHz: spurious response, B
3dB < 100kHz, αrel > 37dB
min.
typ.
max.
Nominal frequency
fN
—
360,0
—
MHz
Minimum insertion attenuation
(including losses in matching circuit)
α
min
—
5,4
6,1
dB
(excluding losses in matching circuit)
—
5,1
5,5
dB
Amplitude ripple (p-p)
∆α
fN - 67,5 kHz
...
fN + 67,5 kHz
—
0,3
2,0
dB
fN - 80,0 kHz
...
fN + 80,0 kHz
—
0,4
3,0
dB
Group delay ripple (p-p)
∆τ
fN - 67,5 kHz
...
fN + 67,5 kHz
—
0,4
1,5
µs
fN - 80,0 kHz
...
fN + 80,0 kHz
—
0,5
2,0
µs
Relative attenuation (relative to
α
min)
α
rel
fN − 15 MHz ... fN + 3,0 MHz
50
60
—
dB
fN − 3,0 MHz ... fN − 1,6 MHz
48 *)
50
—
dB
fN − 1,6 ΜHz ... fN − 800 kHz
40 +)
56
—
dB
fN − 800 kHz ... fN − 600 kHz
35
46
—
dB
fN − 600 kHz ... fN − 400 kHz
21
41
—
dB
fN − 400 kHz ... fN − 300 kHz
8
24
—
dB
fN + 300 kHz ... fN + 400 kHz
8
17
—
dB
fN + 400 kHz ... fN + 600 kHz
21
26
—
dB
fN + 600 kHz ... fN + 800 kHz
35
38
—
dB
fN + 800 kHz ... fN + 1,6 MHz
40
47
—
dB
fN + 1,6 MHz ... fN + 3,0 MHz
48
59
—
dB
fN + 3,0 MHz ... fN + 15 MHz
50
57
—
dB
Impedance within the pass band
Input:
ZIN
=
RIN
||
CIN
—
800 || 1,25
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
800 || 1,25
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
-0,036
—
ppm/K2
Turnover temperature
T0
—40
—
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com