Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7608 Datasheet(PDF) 5 Page - EPCOS

Part # B7608
Description  SAW Components Low-Loss Filter for Mobile Communication 926,25 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7608 Datasheet(HTML) 5 Page - EPCOS

  B7608 Datasheet HTML 1Page - EPCOS B7608 Datasheet HTML 2Page - EPCOS B7608 Datasheet HTML 3Page - EPCOS B7608 Datasheet HTML 4Page - EPCOS B7608 Datasheet HTML 5Page - EPCOS B7608 Datasheet HTML 6Page - EPCOS B7608 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3
Jan 17, 2000
SAW Components
B7608
926,25 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= 25˚C
± 2˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
926,25
—
MHz
Maximum insertion attenuation
α
max
924,20 ... 928,00 MHz
—
4,5
6,0
dB
Amplitude ripple in any 2,7 MHz span (p-p)
∆α
924,20 ... 928,00 MHz
—
0,5
2,0
dB
Relative attenuation (relative to
α
max)
α
rel
0,00 ... 100,00 MHz
60
70
—
dB
100,00 ... 500,00 MHz
50
60
—
dB
500,00 ... 905,70 MHz
40
44
—
dB
935,00 ... 945,00 MHz
10
32
—
dB
945,00 ...1000,00 MHz
40
44
—
dB
1000,00 ...2000,00 MHz
25
32
—
dB
Temperature coefficient of frequency
TCf
—
-30
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com