Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR-2212 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR-2212
Description  Precision Phase-Locked Loop
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2212 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR-2212 Datasheet HTML 3Page - Exar Corporation XR-2212 Datasheet HTML 4Page - Exar Corporation XR-2212 Datasheet HTML 5Page - Exar Corporation XR-2212 Datasheet HTML 6Page - Exar Corporation XR-2212 Datasheet HTML 7Page - Exar Corporation XR-2212 Datasheet HTML 8Page - Exar Corporation XR-2212 Datasheet HTML 9Page - Exar Corporation XR-2212 Datasheet HTML 10Page - Exar Corporation XR-2212 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
XR-2212
7
Rev. 2.10
TYPICAL CHARACTERISTICS
Figure 5. Typical Supply Current vs.
VCC (Logic Outputs Open Circuited)
Figure 6. VCO Frequency vs.
Timing Resistor
Figure 7. VCO Frequency vs.
Timing Capacitor
Figure 8. Typical f0 vs. Power
Supply Characteristics
Supply Voltage VCC (V)
0
5
10
15
20
RL = 5K
RL = 10K
RL > 100K
4
6
8
10 12
1416
1820 22
24
10
0.1
0.01
100
1000
10,000
f0 (Hz)
4
6
8
10
12
1416
18
2022
24
1000
10,000
0
10
100
1000
f0 = 1kHz
R > 10R0
CURVE
R0
1
2
3
4
5
5K
10K
30K
100K
300K
5
4
3
2
1
1
2
3
4
5
C0=0.001mF
C0=0.0033mF
C0=0.01mF
C0=0.033mF
C0=0.1mF
C0=0.33mF
R0=5kW
R0=10kW
R0=40kW
R0=20kW
R0=80kW
R0=160kW
f0 (Hz)
1.02
1.01
1.00
0.99
0.98
0.97
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com