Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM431AS8B Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GM431AS8B
Description  2.5V ADJUSTABLE SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM431AS8B Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GM431AS8B Datasheet HTML 1Page - Gamma Microelectronics Inc. GM431AS8B Datasheet HTML 2Page - Gamma Microelectronics Inc. GM431AS8B Datasheet HTML 3Page - Gamma Microelectronics Inc. GM431AS8B Datasheet HTML 4Page - Gamma Microelectronics Inc. GM431AS8B Datasheet HTML 5Page - Gamma Microelectronics Inc. GM431AS8B Datasheet HTML 6Page - Gamma Microelectronics Inc. GM431AS8B Datasheet HTML 7Page - Gamma Microelectronics Inc. GM431AS8B Datasheet HTML 8Page - Gamma Microelectronics Inc. GM431AS8B Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SOT - 89
TO- 92
SOP- 8
REF
CATHODE
1
ANODE
2
3
1
2
3
4
8
7
6
5
ANODE
REF
ANODE
NC
CATHODE
ANODE
NC
ANODE
GM431G
AYWW
XXX = Marking Code
G**
= Grade
A
= Assembly Location
Y
= Year
WW, W= Weekly
GM
431G
AYWW
12
3
1. REF
2. Anode
3. Cathode
GM431G
AYWW
MARKING INFORMATION & PIN CONFIGURATIONS (TOP VIEW)
Device code
Grade
Package
Shipping
SOT-23
SOP-8
SOP-8
SOT-89
SOT-23
TO-92
TO-92
SOT-89
SOT-23
TO-92
TO-92
SOT-89
AAA
AAB
AAC
3,000
/ Tape &Reel
Units
100
/ Tube
Units
2,500
/ Tape & Reel
Units
1,000
/ Tape & Reel
Units
GM431AST23R
GM431BST23R
GM431CST23R
GM431AS8T
GM431AS8R
GM431BS8T
GM431BS8R
GM431CS8T
GM431CS8R
GM431AST89R
GM431BST89R
GM431CST89R
Ordering Number
Precision
0.5%
TO-92
TO-92
A
A
1,000 Units/ ESD Bag
2,000 Units/ Ammo Pack(Tape)
GM431AT92B
GM431BT92B
GM431CT92B
GM431AT92RL
GM431BT92RL
GM431CT92RL
0.5%
0.5%
0.5%
0.5%
0.5%
1%
2%
1%
1%
1%
1%
1%
2%
2%
2%
2%
2%
3,000
/ Tape &Reel
Units
2,500
/ Tape & Reel
Units
1,000
/ Tape & Reel
Units
3,000
/ Tape &Reel
Units
2,500
/ Tape & Reel
Units
1,000
/ Tape & Reel
Units
B
B
C
C
A
A
A
B
B
B
C
C
C
2,000 Units/ Ammo Pack(Tape)
2,000 Units/ Ammo Pack(Tape)
2
SOP-8
SOP-8
SOP-8
SOP-8
SOT-23
XXXYW
Anode
Cathode
2
3
REF
1
100
/ Tube
Units
100
/ Tube
Units
ORDERING INFORMATION
1,000 Units/ ESD Bag
1,000 Units/ ESD Bag
* For detail Ordering Number identification, please see last page.
**Grade A: indicates Precision of 0.5%, B: indicates Precision of 1%, C: indicates Precision of 2%
A
A
MICROELECTRONICS
GM431
2.5V ADJUSTABLE SHUNT REGULATOR
Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com