Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-HC3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS-HC3
Description  PS-900 Soldering System High Power. Superior Control. Cost Effective.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS-HC3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS-HC3 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS-HC3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SFV-CN05A
Conical Solder Tip
0.5mm (.02")
SFV-CNL10A
Conical Long Solder Tip
1.0mm (.04")
SFV-CH50A
Chisel Solder Tip
5.0mm (.197")
SFV-CH25A
Chisel Solder Tip
2.5mm (.10")
SFV-CH10A
Chisel Solder Tip
1.0mm (.04")
SFV-DRH420A
Hoof Solder Tip 45°
2.0mm (.08")
SFV-CH18A
Fine Solder Tip
1.8mm (.07")
SFV-CH15A
Chisel Solder Tip
1.5mm (.06")
SFV-CNL03A
Conical Long Solder Tip
0.3mm (.01")
SFV-CNB04A
Conical Bent Solder Tip
0.4mm (.016")
SFV-DRH430A
Drag Solder Tip
Hoof, 3.0mm (.12")
SFV-DRK45A
Knife Solder Tip
4.5mm (.177")
SFV-DRK30A
Knife Solder Tip
3.0mm (.12")
EASY ACCESS SOLDERING TIPS for longer reach touch up applications
SFV-CH10
Chisel Solder Tip
30° 1.0mm (.04")
SFV-CH20
Chisel Solder Tip
2.0mm (.08")
SFV-CH25
Chisel Solder Tip
2.5mm (.10")
SFV-CNL10
Conical Long Solder Tip
1.0mm (.04")
SFV-CNL14
Conical Long Solder Tip
1.4mm (.056")
SFV-DRH20
Conical Bevel Solder Tip
2.0mm (.08")
SOLDERING TIPS for heavy duty applications
The second digit denotes substrate material (damage tolerance). F= FR4 / Glass Fiber, for most standard applications. Two other series are also available, just
replace F with either T or C. T = Temperature Sensitive, C = Ceramic
SFV-CH50
Extra Large Chisel Solder Tip
5.0mm (.20")
SFV-CHB15
Chisel Bent 30°Solder Tip
1.5mm (.06")
SFV-CN05
Conical Solder Tip
0.5mm (.02")
SFV-CNB05
Conical Bent Solder Tip
0.5mm (.02")
SFV-DRK50
Knife Solder Tip
5.0mm (.20")
SFV-CNL04
Conical Long Solder Tip
0.4mm (.016")
SFV-DRK50S
Drag Soldering Tip
Knife 5.0mm (.20")
SFV-CNL20
Conical Tip Long
2.0mm (.08")
Part No.
Description
PS-900
Complete System: PS-PW900, PS-HC3, WS2, AC-CP2
Accessories
PS-PW900
Power Supply, 100 to 240 VAC, 50/60 Hz, 90W Max. Input
PS-HC3
Hand-piece w/cord (PS-H3) and Coil Assembly (PS-CA3)
PS-CA3
Coil Assembly, PS-900 System
PS-H3
Hand-piece with Cord, NO Coil Assembly
WS2
Auto-sleep Workstand, Black Cradle
WS2G
Auto-sleep Workstand, Green Cradle
AC-CP2
Tip Removal Pad
PS-900 Soldering System
A. PS-H3 Hand-piece with Cord, NO Coil Assembly
B. PS-CA3 Coil Assembly
C. SxV Soldering Tip
D. PS-PW900 Power Supply
E. WS2 Auto-sleep Workstand
F. PS-HC3 Hand-piece w/cord and Coil Assembly
A
B
D
E
F
www.okinternational.com
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com