Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSXXXPR Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # FSXXXPR
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FSXXXPR Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button FSXXXPR Datasheet HTML 21Page - List of Unclassifed Manufacturers FSXXXPR Datasheet HTML 22Page - List of Unclassifed Manufacturers FSXXXPR Datasheet HTML 23Page - List of Unclassifed Manufacturers FSXXXPR Datasheet HTML 24Page - List of Unclassifed Manufacturers FSXXXPR Datasheet HTML 25Page - List of Unclassifed Manufacturers FSXXXPR Datasheet HTML 26Page - List of Unclassifed Manufacturers FSXXXPR Datasheet HTML 27Page - List of Unclassifed Manufacturers FSXXXPR Datasheet HTML 28Page - List of Unclassifed Manufacturers FSXXXPR Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
SECTION 9
SECTION 1
53
IndustrIal open-style control
fuse Block adapter Kit
HPS Spartan industrial control transformers up to and including 3000VA or 30 amps are available with
optional fuse block adapter kits. The Fuse Block Adapter Kit is designed to allow for the installation
of any third party after market fuse block assembly onto the industrial control transformer. The
transformer must be a unit that incorporates a molded terminal block on either the primary or secondary
side.
note: Hps does not provide any jumpers or appropriate fuses for any after market fuse block you install on the Hps spartan
industrial control transformer. the Hps fuse block adapter kit provides only the mechanical means of attaching a third party after
market fuse block. HPS does not recommend any specific fuse block or fuse supplier. For a recommended size of fuse, please see
page # 32.
note: only 1 fuse block adapter kit is required per transformer. fuse block adapter kit not available
on SP5000ACP and SP5000MQMJ standard units. Add 0.38” per fuse block adapter to overall depth
(column B) on units from 750 Va to 3000 Va when optional fuse block adapter is installed. for custom
units, optional fuse block adapter kit is only available on units up to 3000Va or 30 amps.
Kit part
number
applicable transformer
Part Number Suffixes
applicable
Va sizes
spfBaK1
Ar, Qr, Pr, KHr, Sr
50 to 500
spfBaK1
KHP, SP, nJ
50 to 1500
spfBaK1
ACP, mQmJ
50 to 3000
sample assembly drawing for
optional fuse Block adapter Installation
© Hammond Power Solutions Inc.
Data subject to change without notice.
optional accessories
finger Guards
HPS Spartan industrial control transformers up to and including 3000VA or 30 amps are available with
optional finger guards.
Note: Each finger guard supplies either the primary or secondary side. Finger guard option not
available on SP5000ACP and SP5000MQMJ standard units. Add 0.38” per finger guard to overall
depth (column B) on units from 50 VA to 500 VA and 0.31” to units from 750 VA to 2000 VA when finger
guard has been installed. For custom units, optional finger guards are only available on units up to
3000Va or 30 amps.
For detailed installation instructions of HPS Spartan transformers or the optional finger guards and fuse block adapter kits, please visit our
website under products and services - literature & resources - Instruction sheets - Control transformers.
or go to the following link: http://www.hammondpowersolutions.com/products/product_literature/instruction_sheets/control_transformers.php
part
number
applicable transformer
Part Number Suffixes
applicable
Va sizes
spfG1
Ar, Qr, Pr, KHr, Sr
50 to 500
spfG1
KHP, SP, nJ
50 to 1500
spfG1
ACP, mQmJ
50 to 3000
sample assembly drawing for
optional finger Guard Installation
(Only available for units supplied with either a primary
or secondary molded terminal block)
finger Guard
(Optional)
fuse Block adapter Kit
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com