Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRD8799 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRD8799
Description  LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD8799 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRD8799 Datasheet HTML 3Page - Exar Corporation XRD8799 Datasheet HTML 4Page - Exar Corporation XRD8799 Datasheet HTML 5Page - Exar Corporation XRD8799 Datasheet HTML 6Page - Exar Corporation XRD8799 Datasheet HTML 7Page - Exar Corporation XRD8799 Datasheet HTML 8Page - Exar Corporation XRD8799 Datasheet HTML 9Page - Exar Corporation XRD8799 Datasheet HTML 10Page - Exar Corporation XRD8799 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
XRD8799
xr
xr
LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
REV. 1.00
7
NOTES:
1 Guaranteed. Not tested.
2 Tester measures code transition voltages by dithering the voltage of the analog input (VIN). The difference between
the measured code width and the ideal value (VREF/1024) is the DNL error. The INL error is the maximum distance
(in LSBs) from the best fit line to any transition voltage.
3 See VIN input equivalent circuit.
4 Clock specification to meet aperture specification (tAP). Actual rise/fall time can be less stringent with no loss of
accuracy.
5 Specified values guarantee functional device. Refer to other parameters for accuracy.
6 System can clock the XRD8799 with any duty cycle as long as all timing conditions are met.
7 Input range where input is converted correctly into binary code. Input voltage outside specified range converts to
zero or full scale output.
8 DVDD and AVDD are connected through the silicon substrate. Connect together at the package.
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
Clock to WR Hold Time
tCLKH2
0
ns
Power Down Time1
tPD
300
ns
Power Up Time1
tPU
200
ns
Data Enable Delay
tDEN
14
16
ns
Data High Z Delay
tDHZ
4
6
ns
Pipeline Delay (Latency)
1.5
cycles
POWER SUPPLIES 8
Power Down (IDD)
IPD-DD
0.01
0.10
mA
PD=High, CLK High or Low
Operating Voltage (AVDD, DVDD)
VDD
4.5
5.0
5.5
V
Current (AVDD + DVDD)
IDD
7
10
mA
PD=Low (Normal Mode)
ELECTRICAL CHARACTERISTICS AVDD = DVDD = 5 V, FS = 2 MHZ (50% DUTY CYCLE), VREF(+) = 4.6, VREF(-) = AGND,
TA = 25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS/COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com