Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCVR205B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TCVR205B
Description  Mounting Cable Tie
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TCVR205B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TCVR205B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
19/11/12
Mounting Cable Tie
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Specifications:
Material
: Nylon 6.6
Operating Temperature
: -40°C to +85°C
Pack size
: 100
Description
Colour External
Width
Max.
Cable
Dia.
External
Length/
Height
Fixing
Hole
Dia.
Tensile
Strength
(Kg)
Part Number
Cable Tie, Mountable, Nat, 155mm, Pk100
Natural
3.7
40
155
4.8
18
TCV155
Cable Tie, Mountable, Nat, 205mm, Pk100
4.2
60
205
4.6
22
TCV205
Cable Tie, Mountable, Blk, 205mm, Pk100
Black
TCVR205B
Part Number Table
Dimensions : Millimetres


Similar Part No. - TCVR205B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
Buck DC-DC Converter IC
TCV7101F TOSHIBA-TCV7101F Datasheet
499Kb / 18P
Buck DC-DC Converter IC
TCV7103AF TOSHIBA-TCV7103AF Datasheet
493Kb / 17P
Buck DC-DC Converter IC
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
Buck DC-DC Converter IC
TCV7105F TOSHIBA-TCV7105F Datasheet
467Kb / 16P
Buck DC-DC Converter IC
More results

Similar Description - TCVR205B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192520158 MOLEX4-0192520158 Datasheet
76Kb / 2P
149.86mm (5.900") Natural Cable Tie, 30 Pound Tensile Strength, with Mounting Hole
logo
List of Unclassifed Man...
151-28349 ETC2-151-28349 Datasheet
102Kb / 1P
Cable Tie Mount s
481-0200 ETC2-481-0200 Datasheet
113Kb / 2P
Screw Mount Cable Tie
561-N3000 ETC2-561-N3000 Datasheet
131Kb / 2P
Cable Tie Tensioning Tool
561-N3500 ETC2-561-N3500 Datasheet
184Kb / 2P
Nylon Wire Cable Tie
561-TA00600 ETC2-561-TA00600 Datasheet
134Kb / 2P
Cable Tie Holders
561-TA250125 ETC2-561-TA250125 Datasheet
140Kb / 2P
Cable Tie Mount
logo
Molex Electronics Ltd.
19294-0002 MOLEX11-19294-0002 Datasheet
29Kb / 1P
Economy Cable Tie Tool
logo
OEN India Limited
04-04BD9 OENINDIA-04-04BD9 Datasheet
342Kb / 1P
Beaded Nylon Cable Tie
logo
Lapp.
62120321 LAPP-62120321 Datasheet
101Kb / 1P
Cable Tie Tool BASIC
02.05.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com