Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA2503HT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA2503HT
Description  MPEG2 audio decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2503HT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA2503HT Datasheet HTML 9Page - NXP Semiconductors SAA2503HT Datasheet HTML 10Page - NXP Semiconductors SAA2503HT Datasheet HTML 11Page - NXP Semiconductors SAA2503HT Datasheet HTML 12Page - NXP Semiconductors SAA2503HT Datasheet HTML 13Page - NXP Semiconductors SAA2503HT Datasheet HTML 14Page - NXP Semiconductors SAA2503HT Datasheet HTML 15Page - NXP Semiconductors SAA2503HT Datasheet HTML 16Page - NXP Semiconductors SAA2503HT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Jul 02
13
Philips Semiconductors
Objective specification
MPEG2 audio decoder
SAA2503
Fig.6 Application diagram (continued from Fig.5).
handbook, full pagewidth
MGK400
47 k
Ω
47 k
Ω
4.7 k
Ω
10
k
Ω
47
µF
10
µF
10
µF
47
µF
12
D/A-CLK
SYSCLK1
SWS
SCK
DATA-L-R
EMP1
EMP2
MUTE
VCC
VCC
BCK
U11A
74HC04
5
4
2
C78
1.2 nF
D8
R142
R141
470
Ω
LED
SDB
J2
BNC
1
12
HEADER 4
JP
serial audio data
from A/V splitter
34
JP50
jumper
16
14
15
7
8
WS
6
DATA
17
DEEM1
TDA1305
18
DEEM2
21
ATSB
20
DSMB
VCC
VCC
VCC
VCC
3
11
TEST1
TEST2
13
10
DR
OUT
C32
100 nF
R143
C79
100 nF
74HC04 decoupling
9
4
5
8
L7
BLM21A10
12
n.c.
19
22
R
C
1 nF
via OP-AMP to
analog output
23
25
24
26
28
VCC
27
MUSB
VOL
FILTCL
VOR
Vref
VSSO
VDDO
FILTCR
GND
R110
100E
VCC
C
C
1 nF
C
100
nF
100
nF
100 nF
C
C
C
100 nF
U54
27 MHz OSC
C
C
A
B
C
D
E
F
G
H
I
J
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com