Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGF1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FGF1
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FGF1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FGF1 Datasheet HTML 4Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 5Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 6Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 7Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 8Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 9Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 10Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 11Page - List of Unclassifed Manufacturers FGF1 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
36
HPS IMPERATOR®
SECTION 1
Lifetime
features & Benefits
• 600V class, machine tool rated industrial control transformers
• 11 standard multi primary and secondary voltage groups available1
• 50/60 Hertz (60Hz on PH***AJ & PH***Ar)
• VA range from 50 to 15001
• Superior insulation system
• 50-150VA, temperature rise 55°C, insulation class 105°C
• 250-1500VA, temperature rise 80°C, insulation class 130°C
• Constructed with high quality silicon steel laminations that provide optimum
performance and reliability
• Encapsulated copper wound coils encased in a custom injection molded
cover, protects coils and terminations from moisture, dirt and other industrial
airborne contaminants
• mounting Feet: made of heavy steel and welded or bolted to the core, these
mounting feet provide superior strength in a compact design.
• Termination: combination slot/Phillips #6 screw, complete with SEmS washer
(suitable for 18 AWG to 14 AWG solid or 14 AWG stranded wire)
• Standard SEmS washers - supplied on all units2
• Standard secondary fuse kits - utilizing 13/32” x 1 1/2” midget/type CC fuse
clips
• Optional primary fuse kits available utilizing 13/32” x 1 1/2” midget/type CC
fuse clips
• Optional finger safe terminal covers available on all units
• Seismically certified in accordance with 2009 IBC for S
DS <= 2.00g, z/h = 1.0
and I
P = 1.5
• Ul listed (approved for U.S. and Canada)
• CE mark standard on all units (excluding PH*Ar and PH*AJ)
• lIFETImE Warranty (limited)
• roHS Compliant
1
special voltages and VA sizes available upon request
2
excluding PH750PG, PH1000PG, PH750MLI, PH1000MLI
© Hammond Power Solutions Inc.
Data subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com