Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCTMBPTSM-RPSM Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # PCTMBPTSM-RPSM
Description  Permanent Mount Multi-Band Omnidirectional Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

PCTMBPTSM-RPSM Datasheet(HTML) 1 Page - PCTEL, Inc.

  PCTMBPTSM-RPSM Datasheet HTML 1Page - PCTEL, Inc. PCTMBPTSM-RPSM Datasheet HTML 2Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Permanent Mount Multi-Band
Omnidirectional Antenna
This antenna provides multi-band omnidirectional coverage for fixed or
mobile applications operating in AMPS, PCS and Wi-Fi frequencies. Featuring
a durable, very low profile radome and integral stud mount base for through
hole installations, this antenna is ideal for vending machine, meter reading
and other telemetry data tracking applications requiring a discrete antenna
solution.
Features:
Low profile design for minimal exposure to theft or vandalism
Through hole mounting with jam nut prevents removal of antenna
Rubber gasket for water ingress prevention allows use in and out of
doors
Durable UV stable plastic for long lasting indoor or outdoor installations
High gain performance and high efficiency cable supports highly
efficient radio systems
Antenna Electrical Specifications
Model
Frequency
Range
Horizontal
Beamwidth
Vertical
Beamwidth
Peak
Gain
PCTMBPTSM/RPSM
824-896 MHz,
1850-1990 MHz,
2400-2485 MHz
360°
360°
360°
40°
25°
24°
2 dBi
3 dBi
3 dBi
Mechanical Specifications
Technical Data
General Specifications:
Bottom fed multi-band antenna for use
on metallic ground planes
Maximum Power:
10 watts
VSWR:
< 2:1 (Wi-Fi)
< 2:1 (AMPS, PCS)
Nominal Impedance:
50 ohms
Polarization:
Linear, vertical
Radome Material:
UV stable plastic
Cable:
Two 3 ft Pro-Flex Plus 195
Connector*:
Male SMA (AMPS/PCS)
Reverse Polarity SMA (WiFi)
Mount Method:
Through hole 15/16-inch dia (0.94)
7/8-14-inch UNF plastic Hex-nut
*Standard. Please contact factory about
other connector options.
PCTEL, Inc.
WEB: www.antenna.pctel.com
INDOOR/OUTDOOR ANTENNAS
Permanent Mount Multi-Band Omnidirectional Antenna
Model
Dimensions
Weight
(Mass)
PCTMBPTSM/RPSM
4.4” x 1.5”
(11.18 x 4.06 cm)
0.40 lb
(0.18 kg)


Similar Part No. - PCTMBPTSM-RPSM

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
PCTMDL PCTEL-PCTMDL Datasheet
610Kb / 1P
Low-Profile GPS Multi-Band Antennas
PCTMDL-GSM PCTEL-PCTMDL-GSM Datasheet
610Kb / 1P
Low-Profile GPS Multi-Band Antennas
PCTMI PCTEL-PCTMI Datasheet
134Kb / 1P
Low-Profile Access Point Antennas for Broadband Wireless
PCTMI2458-RPC PCTEL-PCTMI2458-RPC Datasheet
162Kb / 1P
Low-Profile Access Point Antenna for Broadband Wireless
2019
PCTMI2458-RPSMA PCTEL-PCTMI2458-RPSMA Datasheet
134Kb / 1P
Low-Profile Access Point Antennas for Broadband Wireless
More results

Similar Description - PCTMBPTSM-RPSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLS.30.105111 ETC2-TLS.30.105111 Datasheet
4Mb / 12P
Permanent Mount External Antenna
logo
Laird Tech Smart Techno...
OC69271 LSTD-OC69271 Datasheet
1Mb / 4P
LTE Direct Mount Omnidirectional Antenna
logo
Pulse A Technitrol Comp...
RO5805NM PULSE-RO5805NM Datasheet
993Kb / 2P
Omnidirectional Antenna
logo
Laird Tech Smart Techno...
FG16397 LSTD-FG16397 Datasheet
1Mb / 2P
Quad-band Omnidirectional Antenna
logo
Taoglas antenna solutio...
TLS.20.1F11 TAOGLAS-TLS.20.1F11 Datasheet
6Mb / 13P
Permanent Mount External Antenna
TLS.20.1F21 TAOGLAS-TLS.20.1F21 Datasheet
8Mb / 13P
Permanent Mount External Antenna
TLS.20.105111 TAOGLAS-TLS.20.105111 Datasheet
5Mb / 13P
Permanent Mount External Antenna
MA850ALBIC001 TAOGLAS-MA850ALBIC001 Datasheet
3Mb / 48P
MA850 5in1 Permanent Mount Antenna
MA850.A.LBICG.002 TAOGLAS-MA850.A.LBICG.002 Datasheet
3Mb / 49P
MA850 5in1 Permanent Mount Antenna
logo
Maxtena Inc.
MEA-1710-WM MAXTENA-MEA-1710-WM Datasheet
1Mb / 3P
Indoor Omnidirectional Wall mount Antenna
REV A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com