Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCTMBPTSM/RPSM Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # PCTMBPTSM/RPSM
Description  Permanent Mount Multi-Band Omnidirectional Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

PCTMBPTSM/RPSM Datasheet(HTML) 1 Page - PCTEL, Inc.

  PCTMBPTSM/RPSM Datasheet HTML 1Page - PCTEL, Inc. PCTMBPTSM/RPSM Datasheet HTML 2Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Permanent Mount Multi-Band
Omnidirectional Antenna
This antenna provides multi-band omnidirectional coverage for fixed or
mobile applications operating in AMPS, PCS and Wi-Fi frequencies. Featuring
a durable, very low profile radome and integral stud mount base for through
hole installations, this antenna is ideal for vending machine, meter reading
and other telemetry data tracking applications requiring a discrete antenna
solution.
Features:
•
Low profile design for minimal exposure to theft or vandalism
•
Through hole mounting with jam nut prevents removal of antenna
•
Rubber gasket for water ingress prevention allows use in and out of
doors
•
Durable UV stable plastic for long lasting indoor or outdoor installations
•
High gain performance and high efficiency cable supports highly
efficient radio systems
Antenna Electrical Specifications
Model
Frequency
Range
Horizontal
Beamwidth
Vertical
Beamwidth
Peak
Gain
PCTMBPTSM/RPSM
824-896 MHz,
1850-1990 MHz,
2400-2485 MHz
360°
360°
360°
40°
25°
24°
2 dBi
3 dBi
3 dBi
Mechanical Specifications
Technical Data
General Specifications:
Bottom fed multi-band antenna for use
on metallic ground planes
Maximum Power:
10 watts
VSWR:
< 2:1 (Wi-Fi)
< 2:1 (AMPS, PCS)
Nominal Impedance:
50 ohms
Polarization:
Linear, vertical
Radome Material:
UV stable plastic
Cable:
Two 3 ft Pro-Flex Plus 195
Connector*:
Male SMA (AMPS/PCS)
Reverse Polarity SMA (WiFi)
Mount Method:
Through hole 15/16-inch dia (0.94)
7/8-14-inch UNF plastic Hex-nut
*Standard. Please contact factory about
other connector options.
PCTEL, Inc.
WEB: www.antenna.pctel.com
INDOOR/OUTDOOR ANTENNAS
Permanent Mount Multi-Band Omnidirectional Antenna
Model
Dimensions
Weight
(Mass)
PCTMBPTSM/RPSM
4.4” x 1.5”
(11.18 x 4.06 cm)
0.40 lb
(0.18 kg)


Similar Part No. - PCTMBPTSM/RPSM

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
PCTMDL PCTEL-PCTMDL Datasheet
610Kb / 1P
Low-Profile GPS Multi-Band Antennas
PCTMDL-GSM PCTEL-PCTMDL-GSM Datasheet
610Kb / 1P
Low-Profile GPS Multi-Band Antennas
PCTMI PCTEL-PCTMI Datasheet
134Kb / 1P
Low-Profile Access Point Antennas for Broadband Wireless
PCTMI2458-RPC PCTEL-PCTMI2458-RPC Datasheet
162Kb / 1P
Low-Profile Access Point Antenna for Broadband Wireless
2019
PCTMI2458-RPSMA PCTEL-PCTMI2458-RPSMA Datasheet
134Kb / 1P
Low-Profile Access Point Antennas for Broadband Wireless
More results

Similar Description - PCTMBPTSM/RPSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLS.30.105111 ETC2-TLS.30.105111 Datasheet
4Mb / 12P
Permanent Mount External Antenna
logo
Laird Tech Smart Techno...
OC69271 LSTD-OC69271 Datasheet
1Mb / 4P
LTE Direct Mount Omnidirectional Antenna
logo
Pulse A Technitrol Comp...
RO5805NM PULSE-RO5805NM Datasheet
993Kb / 2P
Omnidirectional Antenna
logo
Laird Tech Smart Techno...
FG16397 LSTD-FG16397 Datasheet
1Mb / 2P
Quad-band Omnidirectional Antenna
logo
Taoglas antenna solutio...
TLS.20.1F11 TAOGLAS-TLS.20.1F11 Datasheet
6Mb / 13P
Permanent Mount External Antenna
TLS.20.1F21 TAOGLAS-TLS.20.1F21 Datasheet
8Mb / 13P
Permanent Mount External Antenna
TLS.20.105111 TAOGLAS-TLS.20.105111 Datasheet
5Mb / 13P
Permanent Mount External Antenna
MA850ALBIC001 TAOGLAS-MA850ALBIC001 Datasheet
3Mb / 48P
MA850 5in1 Permanent Mount Antenna
MA850.A.LBICG.002 TAOGLAS-MA850.A.LBICG.002 Datasheet
3Mb / 49P
MA850 5in1 Permanent Mount Antenna
logo
Maxtena Inc.
MEA-1710-WM MAXTENA-MEA-1710-WM Datasheet
1Mb / 3P
Indoor Omnidirectional Wall mount Antenna
REV A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com