Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMR10H60C Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GMR10H60C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMR10H60C Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GMR10H60C Datasheet HTML 1Page - Gamma Microelectronics Inc. GMR10H60C Datasheet HTML 2Page - Gamma Microelectronics Inc. GMR10H60C Datasheet HTML 3Page - Gamma Microelectronics Inc. GMR10H60C Datasheet HTML 4Page - Gamma Microelectronics Inc. GMR10H60C Datasheet HTML 5Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MARKING INFORMATION
A
: Assembly Location
Y
: Year
WW : Weekly
Ordering Number
Package
Shipping
GMR10H60CTB3T
GMR10H60CTBF3T
TO - 220AB
TO - 220FPAB
50 Units/ Tube
50 Units/ Tube
2
ORDERING INFORMATION
* For detail Ordering Number identification, please see last page.
ABSOLUTE RATINGS (T = 25°C)
C
Symbol
Parameter
Value
Unit
VRRM
IF(AV)
IFSM
Repetitive peak reverse voltage
per diode
per device
Peak forward surge current 8.3ms single half sine-wave superimposed
on rated load per leg. (Non-Repetitive)
Operating junction temperature and storage temperature
60
5
10
-45 to + 150
V
A
A
°C
T,j Tstg
Maximum average forward rectified current
Thermal Characteristics (
= 25°C unless otherwise noted)
T
C
TO-220FPAB
TO-220AB
Symbol
Parameter
Typical thermal resistance per leg
Unit
°C/W
R JC
Electrical Characteristics ( = 25°C unless otherwise noted)
T
C
Symbol
Parameter
Value
Unit
V
F
IR
Maximum instantaneous
forward voltage per leg (Note 1)
Maximum reverse current per leg
at working peak reverse voltage (Note 1)
V
µA
mA
I = 5A,
T = 25°C
FC
I = 5A,
T = 125°C
FC
I = 10A,
T = 25°C
FC
I = 10A,
T = 125°C
FC
T =
J
25°C
T = 125°C
J
10
10
0.75
0.65
-
-
150
2.4
4.2
A
A
MICROELECTRONICS
GMR10H60C
Power Discrete
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Note 1: Pulse Test: Pulse Width= 300µs, Duty Cycle
2.0%
TO - 220AB
10H60C
AYW W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com