Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP350PR Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SP350PR
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP350PR Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SP350PR Datasheet HTML 2Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 3Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 4Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 5Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 6Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 7Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 8Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 9Page - List of Unclassifed Manufacturers SP350PR Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
34
HPS IMPERATOR®
SECTION 1
© Hammond Power Solutions Inc.
Data subject to change without notice.
Hps Imperator® machine tool Industrial Control transformer
at Hps, we rate the Va capacity of our transformers at the output ..... where it counts.
other transformer manufacturers rate their capacity on the input side of the
transformer, which can result in a 5% to 20% lower actual Va at the output.
standards
HPS Imperator Series Control Transformers meet or exceed the standards established
by Ul, IEC, and nEmA.
standard
file #
Va size
Ul (AnSI/Ul 506)
E50394
All
IEC 61558
All (excluding PH***AJ & PH***Ar)
nEmA (ST-1)
All
the perfect solution
The HPS Imperator line of machine tool industrial control transformers are specifically designed to meet the high
inrush industrial applications where electromagnetic components such as relays, solenoids etc. are used.
superior Quality and Value
The HPS Imperator design, utilizing superior insulation systems and being constructed with high quality silicon steel
laminations for optimum performance, will meet or exceed Ul and CE standards.
Backed by an industry leading lIFETImE warranty, the HPS Imperator industrial control transformer line offers
superior performance, quality and value.
•
11 standard voltage groups
•
VA range from 50VA to 1500VA
•
Available with standard secondary and optional
primary fuse kits
•
Optional finger safe terminal covers
•
Patented unique terminal block design
•
Innovative fusing method
•
lifetime warranty (limited)
The HPS Imperator provides the perfect solution for any applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com