Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMR30H60C Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GMR30H60C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMR30H60C Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GMR30H60C Datasheet HTML 1Page - Gamma Microelectronics Inc. GMR30H60C Datasheet HTML 2Page - Gamma Microelectronics Inc. GMR30H60C Datasheet HTML 3Page - Gamma Microelectronics Inc. GMR30H60C Datasheet HTML 4Page - Gamma Microelectronics Inc. GMR30H60C Datasheet HTML 5Page - Gamma Microelectronics Inc. GMR30H60C Datasheet HTML 6Page - Gamma Microelectronics Inc. GMR30H60C Datasheet HTML 7Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MARKING INFORMATION
TO - 220AB
30H60C
AYW W
A
: Assembly Location
Y
: Year
WW : Weekly
Ordering Number
Package
Shipping
GMR30H60CTB3T
GMR30H60CTP3T
GMR30H60CTBF3T
GMR30H60CTPF3T
TO - 220AB
TO - 220FPAB
50 Unit/ Tube
30 Unit/ Tube
50 Unit/ Tube
30 Unit/ Tube
2
ORDERING INFORMATION
TO - 3P
30H60C
AYW W
TO - 3P
TO - 3PF
* For detail Ordering Number identification, please see last page.
ABSOLUTE RATINGS (T = 25°C)
C
Symbol
Parameter
Value
Unit
VRRM
IF(AV)
IFSM
Repetitive peak reverse voltage
per diode
per device
Peak forward surge current 8.3ms single half sine-wave superimposed
on rated load per leg.(Non-Repetitive)
Operating junction temperature and storage temperature
60
15
30
-45 to + 150
V
A
A
°C
T,j Tstg
Maximum average forward rectified current
275
A
A
MICROELECTRONICS
GMR30H60C
Power Discrete
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com