Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7708 Datasheet(PDF) 3 Page - EPCOS

Part # B7708
Description  SAW Components Low Loss Filter 1575,42 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7708 Datasheet(HTML) 3 Page - EPCOS

  B7708 Datasheet HTML 1Page - EPCOS B7708 Datasheet HTML 2Page - EPCOS B7708 Datasheet HTML 3Page - EPCOS B7708 Datasheet HTML 4Page - EPCOS B7708 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Aug 19, 2004
SAW Components
B7708
1575,42 MHz
Low Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -40 ˚C to +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
—
1575,42
—
MHz
Maximum insertion attenuation
α
max
1574,22 ...1576,62 MHz
—
2,4
3,5
dB
Amplitude ripple (p-p)
∆α
1574,22 ...1576,62 MHz
—
0,1
1,0
dB
Group delay
τ
1574,22 ...1576,62 MHz
—
35
50
ns
Attenuation
α
50,0
...1535,0
MHz
35
42
—
dB
1625,0
...1630,0
MHz
30
44
—
dB
1630,0
...3500,0
MHz
35
40
—
dB
3500,0
...4000,0
MHz
20
35
—
dB
4000,0
...6000,0
MHz
10
20
—
dB
Return loss
1574,22 ...1576,62 MHz
11,0
19,0
—
dB
VSWR
1574,22 ...1576,62 MHz
—
1,25
1,8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com