Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRK7988 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRK7988
Description  INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK7988 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRK7988 Datasheet HTML 2Page - Exar Corporation XRK7988 Datasheet HTML 3Page - Exar Corporation XRK7988 Datasheet HTML 4Page - Exar Corporation XRK7988 Datasheet HTML 5Page - Exar Corporation XRK7988 Datasheet HTML 6Page - Exar Corporation XRK7988 Datasheet HTML 7Page - Exar Corporation XRK7988 Datasheet HTML 8Page - Exar Corporation XRK7988 Datasheet HTML 9Page - Exar Corporation XRK7988 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
XRK7988
PRELIMINARY
xr
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
REV. P1.0.1
7
APPLICATIONS INFORMATION
The XRK7988 is a dual clock PLL with on–chip Intelligent Dynamic Clock Switch circuitry.
DEFINITIONS
primary clock: The input CLK selected by Sel_Clk.
secondary clock: The input CLK NOT selected by Sel_Clk.
PLL reference signal: The CLK selected as the PLL reference signal by Sel_Clk or the Intelligent Dynamic
Clock Switch. The Intelligent Dynamic Clock Switch can override Sel_Clk.
STATUS FUNCTIONS
Clk_Selected: Clk_Selected (L) indicates CLK0 is selected as the PLL reference signal. Clk_Selected (H)
indicates CLK1 is selected as the PLL reference signal.
Inp0bad, Inp1bad: Inp0bad is latched (H) when CLK0 is stuck (H) or (L) for at least one Ext_FB period, or if one
of the inputs CLK0 or CLK0 is floating. Inp1bad is latched (H) when CLK1 is stuck (H) or (L) for at least one
Ext_FB period, or if one of the inputs CLK1 or CLK1 is floating. Both Inp0bad and Inp1bad are latched (H)
when Ext_FB is stuck (H) or (L) for at least one Qa period, or if one of the inputs Ext_FB or Ext _FB is floating.
Both Inp0bad and Inp1bad are cleared (L) on assertion of Alarm_Reset. The status functions Inp0bad and
Inp1bad are active for Man_Override (H) or (L).
CONTROL FUNCTIONS
Sel_Clk: Sel_Clk (L) selects CLK0 as the primary clock. Sel_Clk (H) selects CLK1 as the primary clock.
Alarm_Reset: Asserted by a negative edge. Generates a one–shot reset pulse that clears INPUT_BAD latches
and Clk_Selected latch.
PLL_En: While (L), the PLL reference signal is substituted for the VCO output.
MR: While (L), internal dividers are held in reset which holds all Q outputs LOW.
MAN OVERRIDE (H)
(IDCS is disabled, PLL functions normally). PLL reference signal (as indicated by Clk_Selected) will always be
the CLK selected by Sel_Clk. If Ext_FB misses at least one pulse, Qa and Qb outputs will drop to a minimum
frequency (~20MHz) for 1-uS, or until Ext_FB shows any activity, whichever is longer. This prevents the Qa
and Qb frequencies from rising due the PLL incorrectly interpreting an intermittent Ext_FB as a VCO running
too slow.
MAN OVERRIDE (L)
Intelligent Dynamic Clock Switch is enabled. The first CLK to fail will latch it’s INP_BAD (H) status flag and
select the other input as the Clk_Selected for the PLL reference clock. Once latched, the Clk_Selected and
INP_BAD remain latched until assertion of Alarm_Reset which clears all latches (INP_BADs are cleared and
Clk_Selected = Sel_Clk).
If both Inp0bad and Inp1bad are (H), either due to both CLK0 and CLK1 having missed at least 1 pulse each or
Ext_FB having missed at least 1 pulse, then Qa and Qb outputs will drop to a minimum frequency (~20MHz)
until such time as Alarm_Reset_b is asserted.
NOTE: If both CLKs are bad when Alarm_Reset is asserted, both INP_BADs will be latched (H) after one Ext_FB period
and Clk_Selected will be latched (L) indicating CLK0 is the PLL reference signal. While neither INP_BAD is latched
(H), the Clk_Selected can be freely changed with Sel_Clk. Whenever a CLK switch occurs, (manually or by the
Intelligent Dynamic Clock Switch), following the next negative edge of the newly selected PLL reference signal, the
next positive edge pair of Ext_FB and the newly selected PLL reference signal will slew to alignment.
To calculate the overall uncertainty between the input CLKs and the outputs from multiple XRK7988’s, the
following procedure should be used. Assuming that the input CLKs to all XRK7988’s are exactly in phase, the
total uncertainty will be the sum of the static phase offset, max I/O jitter, and output to output skew.
During a dynamic switch, the output phase between two devices may be increased for a short period of time. If
the two input CLKs are 400ps out of phase, a dynamic switch of an XRK7988 will result in an instantaneous
phase change of 400ps to the PLL reference signal without a corresponding change in the output phase (due
to the limited response of the PLL). As a result, the I/O phase of a device, undergoing this switch, will initially



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com