Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT71D00 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT71D00
Description  E3/DS3/STS-1 JITTER ATTENUATOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT71D00 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT71D00 Datasheet HTML 5Page - Exar Corporation XRT71D00 Datasheet HTML 6Page - Exar Corporation XRT71D00 Datasheet HTML 7Page - Exar Corporation XRT71D00 Datasheet HTML 8Page - Exar Corporation XRT71D00 Datasheet HTML 9Page - Exar Corporation XRT71D00 Datasheet HTML 10Page - Exar Corporation XRT71D00 Datasheet HTML 11Page - Exar Corporation XRT71D00 Datasheet HTML 12Page - Exar Corporation XRT71D00 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
áç
áç
áç
áç
XRT71D00
E3/DS3/STS-1 JITTER ATTENUATOR
REV. 1.2.0
8
26
RRPOS
O
Receive Positive Data (De-Jittered) Output.
Data which is input via the “RPOS” input pin will be updated on the rising or falling
edge of RRClk (see pin 9), depending upon the state of the ClkES input pin (or bit-field
setting).
27
VDD
***
Digital Positive Supply Voltage: 3.3V or 5.0V ± 5%
28
Ch_Addr_0
I
Channel Addr_0 Assignment Input.
This input pin, along with pin 15 permits the user to assign a “Channel Address” to the
XRT71D00.
NOTES:
1. A detailed discussion on “Channel Assignment” is presented in Section _.
2. This input pin is only active whenever the XRT71D00 device has been config-
ured to operate in the “Host” Mode.
29
E3/DS3
(CS)
I
E3/DS3 Select Input/Chip Select Input:
The function of this pin depends on whether the XRT71D00 is configured in Host or
Hardware mode.
Hardware Mode—E3/DS3* Select Input:
This pin along with the STS-1 mode select pin (pin 8) selects the operating mode. A
table relating the settings of these two input pins to the operatintg mode of the
XRT71D00 device is given below.:
STS-1
E3/DS3*
XRT71D00 Operating Mode
0
0
DS3 (44.736 MHz)
0
1
E3 (34.368 MHz)
1
0
STS-1 (51.84 MHz)
1
1
E3 (34.368 MHz)
NOTE: For SONET De-synchronization applications, the user should configure the
XRT71D00 device to operate in the DS3 Mode.
HOST Mode—Chip Select Input:
The local microprocessor must assert this input pin (e.g., set it to “0”) in order to enable
communication with the XRT71D00 device, via the MIcroprocessor Serial Interface.
30
VDD
***
Digital Positive Supply Voltage: 3.3V or 5.0V ± 5%
31
RPOS
I
Receive Positive Data (Jittery) Input.
Data that is input on this pin is sampled on either the rising or falling edge of RClk
depending on the setting of the ClkES pin (pin 10). This data will ultimately be output
via the “RRPOS” output pin.
If ClkES is “high”, then RPOS will be sampled on the falling edge of RClk.
If ClkES is “low”, then RPOS will be sampled on the rising edge of RClk.
NOTE: For “Jitter Attenuation” Applications, this pin is typically connected to the
“RPOS” output pin of the corresponding LIU IC.
32
NC
***
This pin is not connected internally.
PIN DESCRIPTION
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com