Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT83SL314 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 5Page - Exar Corporation XRT83SL314 Datasheet HTML 6Page - Exar Corporation XRT83SL314 Datasheet HTML 7Page - Exar Corporation XRT83SL314 Datasheet HTML 8Page - Exar Corporation XRT83SL314 Datasheet HTML 9Page - Exar Corporation XRT83SL314 Datasheet HTML 10Page - Exar Corporation XRT83SL314 Datasheet HTML 11Page - Exar Corporation XRT83SL314 Datasheet HTML 12Page - Exar Corporation XRT83SL314 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
6
RLOS
AB1
O
Receive Loss of Signal (Global Pin for All 14-Channels)
When a receive loss of signal occurs for any one of the 14-channels according
to ITU-T G.775, the RLOS pin will go "High" for a minimum of one RCLK cycle.
RLOS will remain "High" until the loss of signal condition clears.
See the
Receive Loss of Signal section of this datasheet for more details.
NOTE: This pin is for redundancy applications to initiate an automatic switch to
the backup card. For individual channel RLOS, see the register map.
RCLK13
RCLK12
RCLK11
RCLK10
RCLK9
RCLK8
RCLK7
RCLK6
RCLK5
RCLK4
RCLK3
RCLK2
RCLK1
RCLK0
AB14
Y22
R22
P22
G22
F22
B14
B9
F2
G2
P2
R2
AA2
AA9
O
Receive Clock Output
RCLK is the recovered clock from the incoming data stream. If the incoming
signal is absent or RxON is pulled "Low", RCLK maintains its timing by using
an internal master clock as its reference. RPOS/RNEG data can be updated
on either edge of RCLK selected by RCLKE in the appropriate global register.
NOTE: RCLKE is a global setting that applies to all 14 channels.
RPOS13
RPOS12
RPOS11
RPOS10
RPOS9
RPOS8
RPOS7
RPOS6
RPOS5
RPOS4
RPOS3
RPOS2
RPOS1
RPOS0
Y14
W20
P20
N20
H20
G20
D14
D10
G4
H4
N4
P4
W4
Y10
O
RPOS/RDATA Output
Receive digital output pin. In dual rail mode, this pin is the receive positive
data output. In single rail mode, this pin is the receive non-return to zero (NRZ)
data output.
RECEIVER SECTION
NAME
PIN
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com