Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7747 Datasheet(PDF) 2 Page - EPCOS

Part # B7747
Description  SAW Components Low-Loss Filter for Mobile Communication 1880,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7747 Datasheet(HTML) 2 Page - EPCOS

  B7747 Datasheet HTML 1Page - EPCOS B7747 Datasheet HTML 2Page - EPCOS B7747 Datasheet HTML 3Page - EPCOS B7747 Datasheet HTML 4Page - EPCOS B7747 Datasheet HTML 5Page - EPCOS B7747 Datasheet HTML 6Page - EPCOS B7747 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
May 24, 2002
SAW Components
B7747
1880,0 MHz
Low-Loss Filter for Mobile Communication
Preliminary Data Sheet
0,7
2,5
12
4
3
0,1
bottom view
side view
top view
Chip Sized SAW Package DCS4D
Features
s
Low-loss RF filter for mobile telephone
PCS systems, transmit path
s
High selectivity
s
Usable passband 60 MHz
s
Unbalanced to unbalanced operation
s
No external matching required
s
Package for Surface Mounted Technology
(SMT)
Terminals
s
Gold-plated Ni
Dimensions in mm, approx. weight 0,027g
Pin configuration
1
Input
3
Output
2, 4
To be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7747
B39192-B7747-C810
C61157-A7-A89
F61074-V8153-Z000
Maximum ratings
Operating temperature range
T
– 30 /+ 85
˚C
Storage temperature range
Tstg
– 40 /+ 85
˚C
DC voltage
VDC
3V
Input Power max.
PIN
15
dBm
source impedance 50
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com