Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7754 Datasheet(PDF) 2 Page - EPCOS

Part # B7754
Description  SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7754 Datasheet(HTML) 2 Page - EPCOS

  B7754 Datasheet HTML 1Page - EPCOS B7754 Datasheet HTML 2Page - EPCOS B7754 Datasheet HTML 3Page - EPCOS B7754 Datasheet HTML 4Page - EPCOS B7754 Datasheet HTML 5Page - EPCOS B7754 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Oct 23, 2003
SAW Components
B7754
1950,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
bottom view
side view
top view
0,7
2,5
12
4
3
0,1
Chip sized SAW package DCS4D
Features
q
Low-loss RF filter for W-CDMA mobile tele-
phone system, transmit path
q
High stopband attenuation
q
Usable passband 60 MHz
q
Unbalanced/unbalanced operation
q
Package size: 2 mm x 2.5 mm (4 pin, diagonal
pinning)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx weight 0,012g
Pin configuration
1
Input
3
Output
2,4
Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7754
B39202-B7754-C810
C61157-A7-A118
F61074-V8153-Z000
Maximum ratings
Operable temperature range
T
– 20 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
3V
Source power
Ps
10
dBm
source impedance 50
Ω
2
3
1
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com