Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7802 Datasheet(PDF) 3 Page - EPCOS

Part # B7802
Description  SAW Components Low-Loss Filter for Mobile Communication 1880,00 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7802 Datasheet(HTML) 3 Page - EPCOS

  B7802 Datasheet HTML 1Page - EPCOS B7802 Datasheet HTML 2Page - EPCOS B7802 Datasheet HTML 3Page - EPCOS B7802 Datasheet HTML 4Page - EPCOS B7802 Datasheet HTML 5Page - EPCOS B7802 Datasheet HTML 6Page - EPCOS B7802 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
June 19, 2003
SAW Components
B7802
1880,00 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= +25 +- 2 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
—
1880,00
—
MHz
Maximum insertion attenuation
α
max
1850,0
...1910,0
MHz
—
3,0
3,6
dB
Amplitude ripple (p-p)
∆α
1850,0
...1910,0
MHz
—
1,5
2,1
dB
IVSWR
1850,0
...1910,0
MHz
—
2,0
2,2
Attenuation
α
10,0
... 950,0
MHz
15,0
17,0
—
dB
950,0
...1050,0
MHz
14,0
15,0
—
dB
1050,0
...1580,0
MHz
16,0
18,0
—
dB
1580,0
...1720,0
MHz
25,0
28,0
—
dB
1720,0 ...1780,0
MHz
21,0
23,0
—
dB
1780,0
...1800,0
MHz
18,0
20,5
—
dB
1800,0
...1830,0
MHz
10,0
20,0
—
dB
1930,0 ...1990,0
MHz
15,0
24,0
—
dB
1990,0
...2400,0
MHz
25,0
28,0
—
dB
2400,0
...2800,0
MHz
20,0
24,0
—
dB
2800,0
...3500,0
MHz
15,0
18,0
—
dB
3500,0
...6000,0
MHz
13,0
15,0
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com