Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7803 Datasheet(PDF) 4 Page - EPCOS

Part # B7803
Description  SAW Components Low Loss Filter for Mobile Communication 1950,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7803 Datasheet(HTML) 4 Page - EPCOS

  B7803 Datasheet HTML 1Page - EPCOS B7803 Datasheet HTML 2Page - EPCOS B7803 Datasheet HTML 3Page - EPCOS B7803 Datasheet HTML 4Page - EPCOS B7803 Datasheet HTML 5Page - EPCOS B7803 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Jan 10, 2002
SAW Components
B7803
1950,0 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to +85˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
1950,0
—
MHz
Maximum insertion attenuation
α
max
1920,0
...1980,0
MHz
—
2,5
2,8
dB
Amplitude ripple (p-p)
∆α
1920,0
...1980,0
MHz
—
0,7
1,0
dB
Amplitude ripple (p-p) per 5-MHz channel
∆α
ch
1920,0
...1980,0
MHz
—
0,4
0,5
dB
Input VSWR
1920,0
...1980,0
MHz
—
1,8
2,0
Output VSWR
1920,0
...1980,0
MHz
—
1,8
2,0
Attenuation
α
50,0
...1805,0
MHz
17,0
18,0
—
dB
1805,0
...1880,0
MHz
17,0
20,0
—
dB
2110,0
...2170,0
MHz
31,0
35,0
—
dB
2170,0
...2500,0
MHz
25,0
27,0
—
dB
2500,0
...2800,0
MHz
20,0
23,0
—
dB
2800,0
...6000,0
MHz
12,0
15,0
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com