Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7812 Datasheet(PDF) 3 Page - EPCOS

Part # B7812
Description  SAW Components Low-Loss Filter for Mobile Communication 1747,50 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7812 Datasheet(HTML) 3 Page - EPCOS

  B7812 Datasheet HTML 1Page - EPCOS B7812 Datasheet HTML 2Page - EPCOS B7812 Datasheet HTML 3Page - EPCOS B7812 Datasheet HTML 4Page - EPCOS B7812 Datasheet HTML 5Page - EPCOS B7812 Datasheet HTML 6Page - EPCOS B7812 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
May 17, 2002
SAW Components
B7812
1747,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= 25 +- 2˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
1747,5
—
MHz
Maximum insertion attenuation
α
max
1710,0
...1785,0
MHz
—
2,6
3,0
dB
Amplitude ripple (p-p)
∆α
1710,0
...1785,0
MHz
—
1,2
1,6
dB
Input VSWR
1710,0
...1785,0
MHz
—
2,0
2,2
Output VSWR
1710,0
...1785,0
MHz
—
2,0
2,2
Attenuation
α
10,0
...1670,0
MHz
15,0
17,0
—
dB
1670,0
...1690,0
MHz
8,0
17,0
—
dB
1805,0
...1880,0
MHz
8,0
12,0
—
dB
1880,0
...3500,0
MHz
15,0
15,0
—
dB
3500,0
...5200,0
MHz
12,0
14,0
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com