Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA160C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA160C
Description  40 AMPS 50 ??300 VOLTS HYPER FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA160C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA160C Datasheet HTML 1Page - Solid States Devices, Inc SDA160C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA160
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Terminals
_ = Spade Terminals
T = Turret Terminals
│
│
│
│
│
│
│
│
│
└ Peak Inverse Voltage (per leg)
A = 50V, B = 100V, C = 150V,
D = 200V, E = 250V, F = 300V,
SDA160A thru SDA160F
40 AMPS 50 ─ 300 VOLTS
HYPER FAST RECOVERY
THREE PHASE BRIDGE RECTIFIER
FEATURES:
• Hyper Fast Reverse Recovery Time 40 ns Max 4/
• Average Output Current 40 Amps @ 55°C
• PIV 50 to 300 Volts Per Leg
• Available with Turret or Spade Terminals
• High Surge Rating- 250A
• Thermally Superior Encapsulant
• Hermetically Sealed Diode Cells
• Replacement for Unitrode 800 Series
• Aluminum Case, Electrically Insulated
• Available in Higher Voltages
• Available in Hyper Fast Recovery Times
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage 5/ (per leg)
And
DC Blocking Voltage (per leg)
SDA160A
SDA160B
SDA160C
SDA160D
SDA160E
SDA160F
VRM (REP)
VR
50
100
150
200
250
300
Volts
Half Wave Rectified Forward Current, Averaged Over Full Cycle
(Resistive Load, 60 Hz, Sine Wave, TC = 55°C)
IO
40
Amps
Peak Repetitive Forward Current (per leg)
(TC = 55°C, 8.3 msec Pulse, Allow Junction to Reach Equilibrium Between Pulses)
IFM (REP)
150
Amps
Peak Surge Current (per assembly)
(TC = 55°C, Superimposed on Rated Current at Rated Voltage, 8.3 msec Pulse)
IFM (SURGE)
250
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +150
°C
Thermal Resistance, Junction to Case
RθJC
1.5
°C/W
SDA160 Packages:
NOTES:
1/ For Ordering Information, Price, and Availability-
Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified,
All Electrical Characteristics @25ºC.
4/ Recovery Conditions:
IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
5/ For RMS Reverse Voltage, multiply VR values by .707
Turret Terminals:
Spade Terminals:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0089A
DOC


Similar Part No. - SDA160C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA165A SSDI-SDA165A Datasheet
57Kb / 2P
10 AMPS 50 - 1000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE
SDA165AHF SSDI-SDA165AHF Datasheet
25Kb / 2P
6 - 10 AMPS 50 - 800 VOLTS HYPER FAST SINGLE PHASE BRIDGE
SDA165B SSDI-SDA165B Datasheet
57Kb / 2P
10 AMPS 50 - 1000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE
SDA165BHF SSDI-SDA165BHF Datasheet
25Kb / 2P
6 - 10 AMPS 50 - 800 VOLTS HYPER FAST SINGLE PHASE BRIDGE
SDA165C SSDI-SDA165C Datasheet
57Kb / 2P
10 AMPS 50 - 1000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE
More results

Similar Description - SDA160C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA165AHF SSDI-SDA165AHF Datasheet
25Kb / 2P
6 - 10 AMPS 50 - 800 VOLTS HYPER FAST SINGLE PHASE BRIDGE
SDA262EF-3 SSDI-SDA262EF-3 Datasheet
57Kb / 2P
50 AMPS 600 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE
SDA263AF-3 SSDI-SDA263AF-3 Datasheet
23Kb / 1P
75 AMPS 50 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SPD805SMS SSDI-SPD805SMS Datasheet
410Kb / 2P
8 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
SDR4405 SSDI-SDR4405 Datasheet
423Kb / 2P
10 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
SDR953-3 SSDI-SDR953-3 Datasheet
48Kb / 2P
50 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR5807CT SSDI-SDR5807CT Datasheet
318Kb / 2P
12 AMPS 50 - 300 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SPD805SMS SSDI-SPD805SMS_1 Datasheet
187Kb / 2P
8AMP 50-300 VOLTS 40 nsec Hyper Fast Rectifier
SDA38AHF SSDI-SDA38AHF Datasheet
147Kb / 1P
HYPER FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
logo
Naina Semiconductor ltd...
MDS40 NAINA-MDS40 Datasheet
159Kb / 2P
Three Phase Bridge Rectifier, 40 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com