Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA160D Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDA160D
Description  40 AMPS 50 ??300 VOLTS HYPER FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA160D Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDA160D Datasheet HTML 1Page - Solid States Devices, Inc SDA160D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (per leg) 3/ 6/
CHARACTERISTICS
SYMBOL VALUE
UNIT
Maximum Instantaneous Forward Voltage Drop
(IF = 10A, 60Hz, 300 µs Pulse, TC = 25°C)
VF
1.2
Volts
Maximum Reverse Leakage Current
(Rated VR, TC = 25°C)
IR1
20
µA
Maximum Reverse Leakage Current
(Rated VR, TC = 100°C)
IR2
2
mA
Maximum Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA)
trr
40
ns
Spade Terminal Package Outline:
Turret Terminal Package Outline:
TOLERANCE:
.XX = ± .03
.XXX = ± .020
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
2/ Screened to MIL-PRF-19500.
5/ For RMS Reverse Voltage, multiply VR values by .707
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
6/ For information on operating curves, contact Factory.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA160A thru SD160F
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0089A
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com