Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 4 Page - Sipex Corporation

Part # LP2950
Description  100mA Low Dropout Voltage Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

LP2950 Datasheet(HTML) 4 Page - Sipex Corporation

  LP2950 Datasheet HTML 1Page - Sipex Corporation LP2950 Datasheet HTML 2Page - Sipex Corporation LP2950 Datasheet HTML 3Page - Sipex Corporation LP2950 Datasheet HTML 4Page - Sipex Corporation LP2950 Datasheet HTML 5Page - Sipex Corporation LP2950 Datasheet HTML 6Page - Sipex Corporation LP2950 Datasheet HTML 7Page - Sipex Corporation LP2950 Datasheet HTML 8Page - Sipex Corporation LP2950 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image

Mar8-07 Rev E
LP2950-5 Low Dropout Linear Regulator
© 2007 Sipex Corporation
Input Current
75
0
0
10
INPUT VOLTAGE (VOLTS)
R
L= 50k Ω
25
50
100
125
150
175
200
225
250
1 2 3
R
L =
Dropout Characteristics
0
0
INPUT VOLTAGE (VOLTS)
1
2
3
4
5
6
1
2
3
4
5
6
R
L=
R
L=50kΩ
4 5 6 7 8 9
LOAD CURRENT (mA)
Quiescent Current
10
1
0.1
0.01
0.1
1
10
100
Ground Current
320
280
0
INPUT VOLTAGE (VOLTS)
240
80
40
0
1
2
3
4
5
6
7
8
120
160
200
I
L= 1mA
I
L= 0
INPUT VOLTAGE (VOLTS)
Input Current
160
150
140
130
70
50
0
120
110
100
90
80
60
40
30
20
10
0
1 2 3 4 5 6 7 8 9 10
R
L=50 Ω
V
OUT = 5V
Quiescent Current
190
170
150
130
-75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (ºC)
V
IN=6V
I
L =100uA
Ground Current
16
14
12
0
1
2
3
4
5
6
7
8
INPUT VOLTAGE
10
8
6
4
2
0
I
L=100mA
Ground Current
16
12
8
4
-75 -50 -25 0 25 50 75 100 125 150
TEMPERATURE (ºC)
V
IN= 6V
I
L= 100mA
 
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com