Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRM6 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SRM6
Description  20 AMP 500 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SRM6 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SRM6 Datasheet HTML 1Page - Solid States Devices, Inc SRM6 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
AXIAL
Maximum Ratings
oC
-65 TO +175
Top & Tstg
375
Amps
20
Amps
Io
IFSM
SYMBOL
UNITS
VALUE
RθθθθθJL
3
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25
oC)
Operating and Storage Temperature
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TA = 25
oC
oC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0046E
SRM5
thru
SRM10
20 AMP
500 - 1000 VOLTS
5
µµµµµsec
STANDARD RECOVERY
RECTIFIER
• Replaces DO-4 or DO-5
• Standard Recovery: 5
µµµµµsec maximum
• PIV to 1000 Volts
• Low Reverse Leakage Current
• Hermetically Sealed Void-Free Construction 1/
• Monolithic Single Chip Construction
• High Surge Rating
• Low Thermal Resistance
• Available in Surface Mount Version
• Equivalent to 5961-94022.
• TX, TXV and Space Level Screening Available
1/
PIND Testing not required on Void-Free Devices per MIL-PRF-19500
Peak Repetitive Reverse and
DC Blocking Voltage
SRM5
SRM6
SRM7
SRM8
SRM9
SRM10
500
600
700
800
900
1000
Volts
VRRM
VRWM
VR
Maximum Thermal Resistance
Junction to Lead, L = 3/8"
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773


Similar Part No. - SRM6

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SRM6 SSDI-SRM6 Datasheet
137Kb / 2P
STANDARD RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SRM60L60CT YFWDIODE-SRM60L60CT Datasheet
774Kb / 4P
Trench MOS Barrier Schottky Rectifier
SRM60L60CT YFWDIODE-SRM60L60CT Datasheet
798Kb / 4P
Low VF Schottky Rectifier
SRM60L60CT YFWDIODE-SRM60L60CT_V01 Datasheet
798Kb / 4P
Low VF Schottky Rectifier
SRM60L60DC YFWDIODE-SRM60L60DC Datasheet
774Kb / 4P
Trench MOS Barrier Schottky Rectifier
More results

Similar Description - SRM6

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR10A SSDI-SDR10A Datasheet
202Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SDR10ASMS SSDI-SDR10ASMS Datasheet
213Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SPD5614SM SSDI-SPD5614SM Datasheet
167Kb / 2P
1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SPD6557 SSDI-SPD6557 Datasheet
36Kb / 2P
6 AMPS 1300 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12 Datasheet
33Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR9600S10 SSDI-SDR9600S10 Datasheet
201Kb / 2P
600 AMPS 1000 - 2000 VOLTS 25 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SDR9800S10 SSDI-SDR9800S10 Datasheet
200Kb / 2P
800 AMPS 1000 - 2000 VOLTS 25 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SPD5624 SSDI-SPD5624 Datasheet
44Kb / 2P
3 AMP 200-1000 Volts 5 usec STANDARD RECOVERY RECTIFIER
SRM5SMS SSDI-SRM5SMS Datasheet
56Kb / 2P
20 AMP 500 -1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12_1 Datasheet
157Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com