Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR622DZ Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR622DZ
Description  40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR622DZ Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR622DZ Datasheet HTML 1Page - Solid States Devices, Inc SDR622DZ Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
Electrical Characteristics (Per Leg)
SYMBOL
UNITS
VF3
VF4
MAXIMUM
SDR620CTM & Z
thru
SDR622CTM & Z
IR1
IR2
µA
mA
10
1.0
Reverse Leakage Current
(Rated VR, 300µs pulse min.)
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300 - 500 µsec Pulse )
1.0
1.2
VDC
VF1
VF2
Instantaneous Forward Voltage Drop
(IF = 10A, 300 - 500 µsec pulse )
0.9
1.15
VDC
CJ
pF
225
Junction Capacitance
(VR = 10VDC, TA = 25
oC, f = 1MHz)
Reverse Recovery Time
(TA= 25
oC,IF= 0.5A, IR = 1.0A, IRR = 0.25A)
tRR
35
nsec
MINIMUM
--
--
--
--
--
--
--
IF = 10A
IF = 20A
TA = 25
oC
TC = 100
oC
TA = 100
oC
TA = -55
oC
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
CASE OUTLINE: TO-254Z (Sufix Z)
OPTIONAL LEAD BEND CONFIGURATION
SUFIX MU & ZU
PIN ASSIGNMENT
PIN 2
PIN 3
Anode
Cathode
PIN 1
FUNCTION
CODE
Cathode
Anode
Anode
Cathode
Common Cathode
Common Anode
CT
CA
CASE OUTLINE: TO-254 (Sufix M)
SUFIX MD & ZD
Anode
A/C
Cathode
Doubler
D
.685
.665
.750
.500
PIN 2
PIN 1
PIN 3
Ø
.150
.139
.545
.535
.800
.790
.050
.040
.270
.240
.545
.535
.155
.140
3x Ø
.045
.035
2x
.155
.145
.170
MIN
.190
.150
.170
MIN
.190
.150



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com