Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP211
Description  5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP211 Datasheet(HTML) 5 Page - Sipex Corporation

  SP211 Datasheet HTML 1Page - Sipex Corporation SP211 Datasheet HTML 2Page - Sipex Corporation SP211 Datasheet HTML 3Page - Sipex Corporation SP211 Datasheet HTML 4Page - Sipex Corporation SP211 Datasheet HTML 5Page - Sipex Corporation SP211 Datasheet HTML 6Page - Sipex Corporation SP211 Datasheet HTML 7Page - Sipex Corporation SP211 Datasheet HTML 8Page - Sipex Corporation SP211 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Date:05/26/2005
+5V High-Speed RS232 Transceivers
© Copyright 2005 Sipex Corporation
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
T3 OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
VCC
C1+
V+
C1–
T4 OUT
R3IN
R3OUT
SHUTDOWN (SD)
EN
R4IN
R4OUT
T4IN
T3IN
R5OUT
R5IN
V–
C2–
C2+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
T3 OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
VCC
C1+
V+
C1–
T4 OUT
R3IN
R3OUT
SHUTDOWN (SD)
EN
R4IN
R4OUT
T4IN
T3IN
R5OUT
R5IN
V–
C2–
C2+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
T3 OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
VCC
C1+
V+
C1–
T4 OUT
R3IN
R3OUT
SHUTDOWN (SD)
EN
R4IN
R4OUT
T4IN
T3IN
R5OUT
R5IN
V–
C2–
C2+
the shutdown mode, unless disabled by the EN
pin. Models with a “B” suffix are equipped with
the WakeUp function.
Models in the Series are available in 28–pin SO
(wide) and SSOP (shrink) small outline pack-
ages. Devices can be specified for commercial
(0
°C to +70°C) and industrial/extended (–40°C
to +85
°C) operating temperatures.
FEATURES…
The SP200 Series multi–channel RS-232 line
transceivers provide a variety of configurations
to fit most communication needs, especially
those applications where
±12V is not available.
All models in this Series feature low–power
CMOS construction and Sipex proprietary on-
board charge pump circuitry to generate the
±10V RS-232 voltage levels. The ability to use
0.1
µF charge pump capacitors saves board space
and reduces circuit cost. Different models within
the Series provide different driver/receiver com-
binations to match any application requirement.
The SP200, SP206, SP207B, SP211 and SP213
models feature a low–power shutdown mode,
which reduces power supply drain to 1
µA. The
WakeUp function keeps the receivers active in
THEORY OF OPERATION
Charge–Pump
The charge pump is a Sipex patented design
(5,306,954) and uses a unique approach com-
pared to older less–efficient designs. The charge
pump still requires four external capacitors, but
uses a four–phase voltage shifting technique to
PACKAGE: PINOUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com