Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7828 Datasheet(PDF) 3 Page - EPCOS

Part # B7828
Description  SAW Components Low-Loss Filter for Mobile Communication 1489,0 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7828 Datasheet(HTML) 3 Page - EPCOS

  B7828 Datasheet HTML 1Page - EPCOS B7828 Datasheet HTML 2Page - EPCOS B7828 Datasheet HTML 3Page - EPCOS B7828 Datasheet HTML 4Page - EPCOS B7828 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Feb 18, 2003
SAW Components
B7828
1489,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 50 Ω
*) T = 25 ˚C
min.
typ.
max.
Center frequency
fC
—
1489,0
—
MHz
Maximum insertion attenuation
α
max
1477,0
... 1501,0
MHz
—
1,4
2,5
dB
1477,0
... 1501,0 MHz*)
—
1,4
1,9
dB
Amplitude ripple (p-p)
∆α
1477,0
... 1501,0
MHz
—
0,3
1,0
dB
Absolute attenuation
α
1217,0
... 1241,0
MHz
30
36
—
dB
1217,0
... 1241,0 MHz*)
32
36
—
dB
1347,0
... 1371,0
MHz
25
30
—
dB
1412,0
... 1436,0
MHz
19
23
—
dB
1429,0
... 1453,0
MHz
10
15
—
dB
1542,0
... 1566,0
MHz
13
18
—
dB
1607,0
... 1631,0
MHz
22
27
—
dB
1737,0
... 1761,0
MHz
28
33
—
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com