Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP322 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP322
Description  Programmable V.11/V.35 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP322 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP322 Datasheet HTML 5Page - Sipex Corporation SP322 Datasheet HTML 6Page - Sipex Corporation SP322 Datasheet HTML 7Page - Sipex Corporation SP322 Datasheet HTML 8Page - Sipex Corporation SP322 Datasheet HTML 9Page - Sipex Corporation SP322 Datasheet HTML 10Page - Sipex Corporation SP322 Datasheet HTML 11Page - Sipex Corporation SP322 Datasheet HTML 12Page - Sipex Corporation SP322 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
SP322DS/06
SP322 V.11/V.35 Serial Transceiver
© Copyright 1997 Sipex Corporation
Date: 10/1/05
SP322 V.11/V.35 Serial Transceiver
© Copyright 2005 Sipex Corporation
13
ORDERING INFORMATION
Model
Temperature Range
Package Types
SP322CF ........................................................................... 0°C to +70°C ............................................................................................. 44–pin LQFP
SP322CF-L ....................................................................... 0°C to +70°C ............................................................................................. 44–pin LQFP
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
DATE
REVISION
DESCRIPTION
1/27/04
A
Implemented tracking revision.
03/04/05
A
Added lead free ordering option.
09/30/05
A
Changed typo from MQFP package to LQFP.
REVISION HISTORY
CLICK HERE TO ORDER SAMPLES
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP322CF = standard; SP322CF-L = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com