Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP331ET Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP331ET
Description  Programmable Dual RS-232/RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP331ET Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP331ET Datasheet HTML 5Page - Sipex Corporation SP331ET Datasheet HTML 6Page - Sipex Corporation SP331ET Datasheet HTML 7Page - Sipex Corporation SP331ET Datasheet HTML 8Page - Sipex Corporation SP331ET Datasheet HTML 9Page - Sipex Corporation SP331ET Datasheet HTML 10Page - Sipex Corporation SP331ET Datasheet HTML 11Page - Sipex Corporation SP331ET Datasheet HTML 12Page - Sipex Corporation SP331ET Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Date: 03-04-05
Programmable Dual RS-232/RS-485 Transceiver
© Copyright 2005 Sipex Corporation
10
Drivers
The SP331 has four independent RS-232 single-
ended drivers and two differential RS-485 driv-
ers. Control for the mode selection is done via
a four–bit control word. The drivers are pre-
arranged such that for each mode of operation
the relative position and functionality of the
drivers are set up to accommodate the selected
interface mode. As the mode of the drivers is
changed, the electrical characteristics will change
to support the requirements of clock, data, and
control line signal levels. Unused driver inputs
can be left floating; however, to ensure a desired
state with no input signal, pull–up resistors to
+5V or pull–down resistors to ground are sug-
gested. Since the driver inputs are both TTL or
CMOS compatible, any value resistor less than
100k
Ω will suffice.
When in RS-232 mode, the single-ended RS-
232 drivers produce compliant RS-232E and
ITU V.28 signals. Each of the four drivers
output single-ended bipolar signals in access of
±5V with a full load of 3kΩ and 2500pF applied
as specified. These drivers can also operate at
least 120kbps.
When programmed to RS-485 mode, the differ-
ential RS-485 drivers produce complaint RS-
485 signals. Each RS-485 driver outputs a uni-
polar signal on each output pin with a magnitude
of at least 1.5V while loaded with a worst case
of 54
Ω between the driver's two output pins.
The signal levels and drive capability of the RS-
485 drivers allow the drivers to also comply
with RS-422 levels. The transmission rate for
the differential drivers is 10Mbps.
Receivers
The SP331 has four single-ended receivers when
programmed for RS-232 mode and two differ-
ential receivers when programmed for RS-485
mode.
Control for the mode selection is done via a 4–
bit control word, as in the drivers. As the oper-
ating mode of the receivers is changed, the
electrical characteristics will change to support
the requirements of the appropriate serial stan-
dard. Unused receiver inputs can be left floating
without causing oscillation. To ensure a desired
state of the receiver output, a pull–up resistor of
100k
Ω to +5V should be connected to the in-
verting input for a logic low, or the non–invert-
ing input for a logic high. For single-ended
receivers, a pull–down resistor to ground of 5k
Ω
is internally connected, which will ensure a
logic high output.
The RS-232 receiver has a single–ended input
with a threshold of 0.8V to 2.4V. The RS-232
receiver has an operating voltage range of
±15V
and can receive signals up to 120kbps. RS-232
receivers are used in RS-232 mode for all signal
types include data, clock, and control lines of
the RS-232 serial port.
The differential RS-485 receiver has an input
impedance of 15k
Ω and a differential threshold
of
±200mV. Since the characteristics of an RS-
422 receiver are actually subsets of RS-485, the
receivers for RS-422 requirements are identical
to the RS-485 receivers. All of the differential
receivers can receive data up to 10Mbps.
Select Mode Pins
Similar to our SP500 family of multiprotocol
products, the SP331 has the ability to change the
configuration of the drivers and receivers via a
4–bit switch. Referring to Table 1; RS-232
mode, RS-485 mode, or two different combina-
tions of RS-232/RS-485 can be configured us-
ing the SEL_A and SEL_B pins. The drivers
can be put into tri-state mode by using the
SEL_C and SEL_D pins. All receivers remain
active during any tri-state condition of the driv-
ers.
Loopback Mode
Loopback is invoked by asserting "xx11" into
the select pins. In RS-232/RS-485 or RS-485/
RS-232 loopback mode, the RS-232 driver out-
puts loop back into the RS-232 receiver inputs
and the RS-485 differential driver loops back
into the RS-485 receiver. During loopback, the
driver outputs and receiver inputs are discon-
nected from the outside world.
The driver
outputs are in tri-state and the receiver inputs are
disabled. The input impedance of the receivers
during loopback is approximately 15k
Ω to
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com