Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1200 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF1200
Description  RoHS Compliant & Pb-Free Product Package Style: QFN, 6-pin, 2x2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1200 Datasheet(HTML) 2 Page - RF Micro Devices

  RF1200 Datasheet HTML 1Page - RF Micro Devices RF1200 Datasheet HTML 2Page - RF Micro Devices RF1200 Datasheet HTML 3Page - RF Micro Devices RF1200 Datasheet HTML 4Page - RF Micro Devices RF1200 Datasheet HTML 5Page - RF Micro Devices RF1200 Datasheet HTML 6Page - RF Micro Devices RF1200 Datasheet HTML 7Page - RF Micro Devices RF1200 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF1200
Rev A1 DS070517
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Voltage
7.0
V
Maximum Input Power (0GHz to
2.5GHz)
+36
dBm
Operating Temperature
-30 to +85
°C
Storage Temperature
-35 to +100
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Temp=25°C, VCONTROL=2.65V
Insertion Loss
RF>ANT
0.3
0.4
dB
RF ON, 0.88GHz
RF>ANT
0.4
0.5
dB
RF ON, 1.88GHz
RF>ANT
0.5
0.6
dB
RF ON, 2.10GHz
RF>ANT
0.55
0.65
dB
RF ON, 2.45GHz
RF>ANT Isolation
RF>ANT
25
26
dB
RF ON, 0.88GHz
RF>ANT
21
22
dB
RF ON, 1.88GHz
RF>ANT
19
20
dB
RF ON, 2.10GHz
RF>ANT
17
18
dB
RF ON, 2.45GHz
0.8GHz to 1GHz Harmonics
Second Harmonic
-80
dBc
PIN=34.5dBm, 0.88GHz, 2f0
Third Harmonic
-75
dBc
PIN=34.5dBm, 0.88GHz, 3f0
1.7GHz to 2.0GHz Harmonics
Second Harmonic
-80
dBc
PIN=31.5dBm, 1.9GHz, 2f0
Third Harmonic
-80
dBc
PIN=31.5dBm, 1.9GHz, 3f0
2.45GHz Harmonics
Second Harmonic
-90
dBc
PIN=31.5dBm, 1.9GHz, 2f0
Third Harmonic
-90
dBc
PIN=31.5dBm, 1.9GHz, 3f0
IMD Due to Out-of-Band
Blocker
RF>ANT
-105
dBm
PIN=20dBm @ 1950MHz, PBLOCK=-15dBm @
4090MHz
RF Port Return Loss
RF>ANT
15
dB
0.5GHz to 2.5GHz
Input Power at 0.1dB
Compression Point
37
dBm
0.88GHz
34
dBm
1.88GHz
Switching Speed
5us
Note: Parameters hold at 25°C and VCONTROL=2.65V.
Caution! ESD sensitive device.
The information in this publication is believed to be accurate and reliable. How-
ever, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use,
nor for any infringement of patents, or other rights of third parties, resulting
from its use. No license is granted by implication or otherwise under any patent
or patent rights of RFMD. RFMD reserves the right to change component cir-
cuitry, recommended application circuitry and specifications at any time without
prior notice.
RoHS status based on EUDirective2002/95/EC (at time of this document revi-
sion).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com