Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CS-3-3/TR Datasheet(PDF) 15 Page - Sipex Corporation

Part # LP2951CS-3-3/TR
Description  100mA Low Dropout Voltage Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

LP2951CS-3-3/TR Datasheet(HTML) 15 Page - Sipex Corporation

Back Button LP2951CS-3-3/TR Datasheet HTML 7Page - Sipex Corporation LP2951CS-3-3/TR Datasheet HTML 8Page - Sipex Corporation LP2951CS-3-3/TR Datasheet HTML 9Page - Sipex Corporation LP2951CS-3-3/TR Datasheet HTML 10Page - Sipex Corporation LP2951CS-3-3/TR Datasheet HTML 11Page - Sipex Corporation LP2951CS-3-3/TR Datasheet HTML 12Page - Sipex Corporation LP2951CS-3-3/TR Datasheet HTML 13Page - Sipex Corporation LP2951CS-3-3/TR Datasheet HTML 14Page - Sipex Corporation LP2951CS-3-3/TR Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
5
Mar8-07 Rev E
LP2950-5 Low Dropout Linear Regulator
© 2007 Sipex Corporation
Part number
Accuracy Output
Voltage Package Shipping Status
LP2950ACN-L--
0.50%
.V
Lead Free
 Pin TO-92
Bulk
Active
LP2950ACN-L--/TR 0.50%
.V
Lead Free
 Pin TO-92 Tape & Reel Active
LP2950ACN-L-5-0
0.50%
5.0V
Lead Free
 Pin TO-92
Bulk
Active
LP2950ACN-L-5-0/TR 0.50%
5.0V
Lead Free
 Pin TO-92 Tape & Reel Active
LP2950CN-L--
%
.V
Lead Free
 Pin TO-92
Bulk
Active
LP2950CN-L--/TR
%
.V
Lead Free
 Pin TO-92 Tape & Reel Active
LP2950CN-L-5-0
%
5.0V
Lead Free
 Pin TO-92
Bulk
Active
LP2950CN-L-5-0/TR
%
5.0V
Lead Free
 Pin TO-92 Tape & Reel Active
LP295ACS-L--
0.50%
.V
Lead Free
8 Pin SOIC
Bulk
Active
LP295ACS-L--/TR 0.50%
.V
Lead Free
8 Pin SOIC Tape & Reel Active
LP295ACS-L-5-0
0.50%
5.0V/ADJ Lead Free
8 Pin SOIC
Bulk
Active
LP295ACS-L-5-0/TR 0.50%
5.0V/ADJ Lead Free
8 Pin SOIC Tape & Reel Active
LP295CS-L--
%
.V
Lead Free
8 Pin SOIC
Bulk
Active
LP295CS-L--/TR
%
.V
Lead Free
8 Pin SOIC Tape & Reel Active
LP295CS-L-5-0
%
5.0V/ADJ Lead Free
8 Pin SOIC
Bulk
Active
LP295CS-L-5-0/TR
%
5.0V/ADJ Lead Free
8 Pin SOIC Tape & Reel Active
Part number
Accuracy Output
Voltage Package Shipping Status
LP2950ACN--
0.50%
.V
 Pin TO-92
Bulk
EOL
LP2950ACN-5-0
0.50%
5.0V
 Pin TO-92
Bulk
EOL
LP2950CN--
%
.V
 Pin TO-92
Bulk
EOL
LP2950CN--/TR
%
.V
 Pin TO-92 Tape & Reel
EOL
LP2950CN-5-0
%
5.0V
 Pin TO-92
Bulk
EOL
LP2950CN-5-0/TR
%
5.0V
 Pin TO-92 Tape & Reel
EOL
LP295ACS--
0.50%
.V
8 Pin SOIC
Bulk
EOL
LP295ACS-5-0
0.50%
5.0V/ADJ 8 Pin SOIC
Bulk
EOL
LP295CS--
%
.V
8 Pin SOIC
Bulk
EOL
LP295CS--/TR
%
.V
8 Pin SOIC Tape & Reel
EOL
LP295CS-5-0
%
5.0V/ADJ 8 Pin SOIC
Bulk
EOL
LP295CS-5-0/TR
%
5.0V/ADJ 8 Pin SOIC Tape & Reel
EOL
LP2950ACN--/TR
0.50%
.V
 Pin TO-92 Tape & Reel
OBS
LP2950ACN-5-0/TR
0.50%
5.0V
 Pin TO-92 Tape & Reel
OBS
LP295ACS--/TR
0.50%
.V
8 Pin SOIC Tape & Reel
OBS
LP295ACS-5-0/TR
0.50%
5.0V/ADJ 8 Pin SOIC Tape & Reel
OBS
ORDeRing inFORMATiOn
(continued)
Sipex corporation
Headquarters and
Sales Office
2 South Hillview Drive
Milpitas, CA 9505
TEL: (08) 9-7500
FAX: (08) 95-700
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Solved by
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com