Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP331ET/TR Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP331ET/TR
Description  Programmable Dual RS-232/RS-485 Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP331ET/TR Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP331ET/TR Datasheet HTML 3Page - Sipex Corporation SP331ET/TR Datasheet HTML 4Page - Sipex Corporation SP331ET/TR Datasheet HTML 5Page - Sipex Corporation SP331ET/TR Datasheet HTML 6Page - Sipex Corporation SP331ET/TR Datasheet HTML 7Page - Sipex Corporation SP331ET/TR Datasheet HTML 8Page - Sipex Corporation SP331ET/TR Datasheet HTML 9Page - Sipex Corporation SP331ET/TR Datasheet HTML 10Page - Sipex Corporation SP331ET/TR Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Date: 03-04-05
Programmable Dual RS-232/RS-485 Transceiver
© Copyright 2005 Sipex Corporation
7
SEL A
TTL/CMOS
TTL/CMOS
TTL/CMOS
0.1µF
0.1µF
C1+
C1-
C2+
C2-
1
SEL B
2
+5V
VCC
5
GND
8
9
11
12
13
19
20
22
24
26
27
28
TTL/CMOS
TTL/CMOS
TTL/CMOS
TTL/CMOS
T1
T3
R1
RS-485
RS-485
RS-485
0V
0.1µF
0.1µF
V+
V-
0V
SEL C
RS-485
RS-485
RS-485
4
6
7
10
14
15
16
23
25
3
RI1
RI2
TX3
TX4
TX1
TX2
TI1
TI2
TI3
TI4
RX1
RX2
TTL/CMOS
21
R3
17
18
RI4
RI3
RX3
RX4
15KΩ
15KΩ
15KΩ
15KΩ
400KΩ
Vcc
400KΩ
Vcc
SEL D
RS-485
RS-485
+5V
+5V
+5V
GND
TTL/CMOS
TTL/CMOS
TTL/CMOS
TTL/CMOS
0V
0.1µF
0.1µF
VCC
V+
V-
0V
SEL C
RS-232
TTL/CMOS
TTL/CMOS
TTL/CMOS
TTL/CMOS
T1
T2
T3
T4
TX1
TX2
TX3
TX4
TI1
TI2
TI3
TI4
RI1
RI2
RI3
RI4
RX1
RX2
RX3
RX4
1
3
4
5
6
7
8
10
0.1µF
0.1µF
C1+
C1-
C2+
C2-
9
11
12
13
14
15
16
17
18
19
20
21
22
23
SEL B
2
SEL A
24
25
26
27
28
R1
R2
R3
R4
5KΩ
5KΩ
5KΩ
5KΩ
400KΩ
Vcc
400KΩ
Vcc
400KΩ
Vcc
400KΩ
Vcc
RS-232
RS-232
RS-232
RS-232
RS-232
RS-232
RS-232
SEL D
0V
0V
SP331
SP331
Figure 10. Typical Operating Circuit
TI4
SEL_B
TX4
TX3
VCC
TX1
TX2
GND
C1+
V+ (VDD)
C2+
C1–
C2–
V– (VSS)
TI3
TI2
TI1
SEL_C
SEL_A
SEL_D
RX4
RX3
RX2
RX1
RI4
RI3
RI2
RI1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Figure 9. SP331 Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com