Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP232ECN Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP232ECN
Description  High-Performance RS-232 Line Drivers/Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP232ECN Datasheet(HTML) 1 Page - Sipex Corporation

  SP232ECN Datasheet HTML 1Page - Sipex Corporation SP232ECN Datasheet HTML 2Page - Sipex Corporation SP232ECN Datasheet HTML 3Page - Sipex Corporation SP232ECN Datasheet HTML 4Page - Sipex Corporation SP232ECN Datasheet HTML 5Page - Sipex Corporation SP232ECN Datasheet HTML 6Page - Sipex Corporation SP232ECN Datasheet HTML 7Page - Sipex Corporation SP232ECN Datasheet HTML 8Page - Sipex Corporation SP232ECN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Date: 7/19/04
SP202E Series High Performance RS232 Transceivers
© Copyright 2004 Sipex Corporation
1
SP202E/232E/233E/310E/312E
■ Operates from Single +5V Power Supply
■ Meets All RS-232D and ITU V.28
Specifications
■ Operates with 0.1µF to 10µF Capacitors
■ High Data Rate – 120Kbps Under Load
■ Low Power Shutdown ≤1µA (Typical)
■ 3-State TTL/CMOS Receiver Outputs
■ Low Power CMOS – 3mA Operation
■ Improved ESD Specifications:
±15kV Human Body Model
±15kV IEC1000-4-2 Air Discharge
±8kV IEC1000-4-2 Contact Discharge
Number of RS232
No. of Receivers
No. of External
Model
Drivers
Receivers
Active in Shutdown 0.1µF Capacitors
Shutdown WakeUp TTL Tri–State
SP202E
22
0
4
No
No
No
SP232E
22
0
4
No
No
No
SP233E
22
0
0
No
No
No
SP310E
22
0
4
Yes
No
Yes
SP312E
22
2
4
Yes
Yes
Yes
High-Performance RS-232
Line Drivers/Receivers
®
DESCRIPTION
SELECTION TABLE
The SP202E/232E/233E/310E/312E devices are a family of line driver and receiver pairs that
meet the specifications of RS-232 and V.28 serial protocols with enhanced ESD performance.
The ESD tolerance has been improved on these devices to over ±15KV for both Human Body
Model and IEC1000-4-2 Air Discharge Method. These devices are pin-to-pin compatible with
Sipex's SP232A/233A/310A/312A devices as well as popular industry standards. As with the
initial versions, the SP202E/232E/233E/310E/312E devices feature at least 120Kbps data rate
under load, 0.1µF charge pump capacitors, and overall ruggedness for commercial applications.
This family also features Sipex's BiCMOS design allowing low power operation without
sacrificing performance. The series is available in plastic DIP and SOIC packages operating over
the commercial and industrial temperature ranges.
VCC
GND
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Now Available in Lead Free Packaging


Similar Part No. - SP232ECN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP232ECN SIPEX-SP232ECN Datasheet
217Kb / 15P
High-Performance RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232ECN-L EXAR-SP232ECN-L Datasheet
1Mb / 17P
High Performance RS-232 Line Drivers/Receivers
SP232ECN-L/TR EXAR-SP232ECN-L/TR Datasheet
1Mb / 17P
High Performance RS-232 Line Drivers/Receivers
More results

Similar Description - SP232ECN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP202E SIPEX-SP202E Datasheet
217Kb / 15P
High-Performance RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP202E EXAR-SP202E Datasheet
1Mb / 17P
High Performance RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A_10 Datasheet
201Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232E UTC-UT232E Datasheet
208Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
logo
Unisonic Technologies
UT232A UTC-UT232A_15 Datasheet
325Kb / 6P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
UT232E UTC-UT232E_15 Datasheet
234Kb / 5P
HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
logo
Exar Corporation
SP232EEN-L-TR EXAR-SP232EEN-L-TR Datasheet
949Kb / 17P
High Performance RS-232 Line Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com