Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7836 Datasheet(PDF) 2 Page - EPCOS

Part # B7836
Description  SAW Components Low-Loss Filter for Mobile Communication 1501,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7836 Datasheet(HTML) 2 Page - EPCOS

  B7836 Datasheet HTML 1Page - EPCOS B7836 Datasheet HTML 2Page - EPCOS B7836 Datasheet HTML 3Page - EPCOS B7836 Datasheet HTML 4Page - EPCOS B7836 Datasheet HTML 5Page - EPCOS B7836 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
December 18, 2003
SAW Components
B7836
1501,5 MHz
Low-Loss Filter for Mobile Communication
Preliminary Data
Chip sized SAW package QCS5C
2
4
5
3
2,0
bottom view
side view
top view
0,38
0,735
0,455
0,68
Features
s
Low-loss RF filter for PDC system,
receive path
s
Small insertion attenuation
s
Low amplitude ripple
s
Package for Surface Mounted Technology
(SMT)
s
Chip Sized SAW Package (CSSP)
Terminals
s
Gold-plated Ni
Dimensions in mm, approx. weight 0,007 g
Pin configuration
1
Input
4,
Output
2, 3, 5
To be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7836
B39152-B7836-C710
C61157-A7-A111
F61074-V8151-Z000
Maximum ratings
Operating temperature range
T
– 20/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
3V
Source power
PS
13
dBm
duty cycle 1:3, source and load
impedance 50
Ω
1
4
3
2,5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com