Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2155 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2155
Description  3V PROGRAMMABLE GAIN POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2155 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2155 Datasheet HTML 1Page - RF Micro Devices RF2155 Datasheet HTML 2Page - RF Micro Devices RF2155 Datasheet HTML 3Page - RF Micro Devices RF2155 Datasheet HTML 4Page - RF Micro Devices RF2155 Datasheet HTML 5Page - RF Micro Devices RF2155 Datasheet HTML 6Page - RF Micro Devices RF2155 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2-174
RF2155
Rev B8 060921
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.5
VDC
Power Down Voltage (VPD)
-0.5 to +3.3
V
DC Supply Current
500
mA
Input RF Power
+10
dBm
Output Load VSWR
10:1
Ambient Operating Temperature
-30 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=3.6V, VPD=2.8V,
ZLOAD=13Ω, PIN=0dBm, Freq=915MHz
Frequency Range
430 to 930
MHz
Maximum CW Output Power
450
mW
VCC=3.6V
300
mW
VCC=3.0V
Small Signal Gain
31
dB
Second Harmonic
-30
dBc
Without external second harmonic trap
Third Harmonic
-40
dBc
Fourth Harmonic
-36
dBc
Input VSWR
2:1
All gain settings
CW Efficiency
50
56
%
G16=“high”, G8=“high”, PIN=0dBm
Output Load VSWR
6:1
Spurious<-60dBc
Power Control
Power Down “ON”
2.7
2.8
3.0
V
Voltage supplied to the input
Power Down “OFF”
0
0.5
0.8
V
Voltage supplied to the input
PD Input Current
3.7
5.0
mA
Only in “ON” state
G16, G8 “ON”
2.2
2.5
3.0
V
Voltage supplied to the input
G16, G8 “OFF”
0
0.3
0.5
V
Voltage supplied to the input
G16, G8 Input Current
0.8
1.0
1.6
mA
Only in “ON” state
Output Power
+25.5
+26.5
+28.0
dBm
G16=“high”, G8=“high”, PIN=0dBm
+15.0
+18.5
+21.0
dBm
G16=“high”, G8=“low”, PIN=0dBm
+7.5
+10.5
+13.0
dBm
G16=“low”, G8=“high”, PIN=0dBm
-2.5
+1.5
+4.0
dBm
G16=“low”, G8=“low”, PIN=0dBm
Turn On/Off Time
100
ns
Power Supply
Power Supply Voltage
3.6
V
Specifications
3.0
5.0
V
Operating limits
Power Supply Current
225
300
mA
G16=“high”, G8=“high”, PIN=0dBm
90
115
mA
G16=“high”, G8=“low”, PIN=0dBm
37
55
mA
G16=“low”, G8=“high”, PIN=0dBm
25
35
mA
G16=“low”, G8=“low”, PIN=0dBm
20
50
110
mA
G16=“high”, G8=“high”, No RF In
110
μA
G16=“low”, G8=“low”, PD=“low”
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com