Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2174 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2174
Description  3V DCS POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2174 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2174 Datasheet HTML 8Page - RF Micro Devices RF2174 Datasheet HTML 9Page - RF Micro Devices RF2174 Datasheet HTML 10Page - RF Micro Devices RF2174 Datasheet HTML 11Page - RF Micro Devices RF2174 Datasheet HTML 12Page - RF Micro Devices RF2174 Datasheet HTML 13Page - RF Micro Devices RF2174 Datasheet HTML 14Page - RF Micro Devices RF2174 Datasheet HTML 15Page - RF Micro Devices RF2174 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
2-288
RF2174
Rev A8 060918
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the
PCB Metal Land Pattern with a 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance
can be provided in the master data or requested from the PCB fabrication supplier.
Thermal Pad and Via Design
The PCB land pattern has been designed with a thermal pad that matches the exposed die paddle size on the bottom of
the device.
Thermal vias are required in the PCB layout to effectively conduct heat away from the package. The via pattern shown
has been designed to address thermal, power dissipation and electrical requirements of the device as well as accommo-
dating routing strategies.
The via pattern used for the RFMD qualification is based on thru-hole vias with 0.203mm to 0.330mm finished hole size
on a 0.5mm to 1.2mm grid pattern with 0.025mm plating on via walls. If micro vias are used in a design, it is suggested
that the quantity of vias be increased by a 4:1 ratio to achieve similar results.
Figure 3. shows the via pattern used for the RFMD qualification design.
Pin 1
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
C
1.73 (mm)
Typ.
0.81 (mm) Typ.
0.94 (mm) Typ.
1.73 (mm)
Typ.
1.60 (mm)
Typ.
1.60 (mm)
0.81 (mm) Typ.
0.81 (mm)
Typ.
3.20 (mm) Typ.
A = 0.71 x 1.09 (mm) Typ.
B = 1.09 x 0.71 (mm) Typ.
C = 1.73 (mm) Sq.
Figure 2. PCB Solder Mask Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com