Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2175 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2175
Description  3V 400MHz LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2175 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2175 Datasheet HTML 1Page - RF Micro Devices RF2175 Datasheet HTML 2Page - RF Micro Devices RF2175 Datasheet HTML 3Page - RF Micro Devices RF2175 Datasheet HTML 4Page - RF Micro Devices RF2175 Datasheet HTML 5Page - RF Micro Devices RF2175 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-288
RF2175
Rev A8 030313
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF Off)
+8.0
VDC
Supply Voltage (RF Applied)
+4.5
VDC
Mode Voltage (VBIAS)+5.0
VDC
Control Voltage (VREG)+5.0
VDC
Input RF Power (Avg.)
+5
dBm
Output VSWR - Inband
6:1
Output VSWR - Out of Band
20:1
Operating Ambient Temperature
-30 to +100
°C
Storage Temperature
-40 to +120
°C
Moisture Sensitivity
JEDEC Level 5 *
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=3.6V, Freq=410MHz to
420MHz unless otherwise specified, 25%
duty cycle. POUT=31.8dBm
Usable Frequency Range
380
512
MHz
Typical Frequency Range
410 to 420
MHz
Linear Gain
34.5
37.5
41.5
dB
Harmonic
-30
dBc
P3dB Output Power
34
dBm
Linear Output Power
(TETRA Modulation)
31.8
dBm
Total Linear Efficiency
25
30
%
Adjacent Channel Power Rejec-
tion
-35
dBc
ACPR@25kHz, TETRA modulation
-45
dBc
ACPR@50kHz, TETRA modulation
Power Supply
Power Supply Voltage
3.0
3.6
4.5
V
Idle Current
230
450
mA
All VCC pins, no RF input.
VCC Current
1650
mA
All VCC pins, POUT=31.8dBm
VREG Current
13
mA
Pin 8
VBIAS Current
3
mA
Pin 16
Turn On/Off Time
<150
μs
Time for power to rise to 95% of its final
value. Measured with 4.7
μF and 2.2μF
capacitors on both VREG and VBIAS lines.
Total Current (Power Down)
10
μAV
REG =Low
VREG “Low” Voltage
0
0.2
V
VREG “High” Voltage
2.7
2.8
2.9
V
VBIAS Control Voltage Range
2.8
2.9
V
* The RF2175 is considered JEDEC Level 5 for moisture sensitivity with a maximum peak reflow temperature of 220°C. To assure reli-
able performance, this part must be handled in accordance with JEDEC specifications for a Level 5 part.
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com