Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2192 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2192
Description  3V 900MHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2192 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2192_06 Datasheet HTML 2Page - RF Micro Devices RF2192_06 Datasheet HTML 3Page - RF Micro Devices RF2192_06 Datasheet HTML 4Page - RF Micro Devices RF2192_06 Datasheet HTML 5Page - RF Micro Devices RF2192_06 Datasheet HTML 6Page - RF Micro Devices RF2192_06 Datasheet HTML 7Page - RF Micro Devices RF2192_06 Datasheet HTML 8Page - RF Micro Devices RF2192_06 Datasheet HTML 9Page - RF Micro Devices RF2192_06 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2-335
RF2192
Rev A8 060918
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is electroless nickel, immersion gold. Typical thickness is
3
μinch to 8μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and
tested for optimized assembly at RFMD; however, it may require some modifications to address company specific
assembly processes. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land Pattern
Pin 1
Dimensions in mm.
A = 0.51 x 0.89 (mm) Typ.
B = 0.89 x 0.51 (mm) Typ.
C = 1.52 (mm) Sq.
A
A
A
A
A
B
B
B
B
B
B
A
A
A
A
A
C
3.20 Typ.
0.81 Typ.
0.81 Typ.
1.73 Typ.
0.94 Typ.
1.60 Typ.
1.73 Typ.
0.81 Typ.
1.60 Typ.
Figure 1. PCB Metal Land Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com